AM2D-4809SH30-RZ
AI

### Technical Overview: AM2D-4809SH30-RZ
The **AM2D-4809SH30-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to convert a high-voltage direct current input into a regulated low-voltage output, commonly used in industrial and telecommunications equipment.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 43.2V to 52.8V DC (48V Nominal) |
| **Output Voltage** | 9V DC |
| **Output Current** | 222 mA (Max) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 3000V DC (High Isolation) |
| **Package Style** | SIP7 (Single In-line Package) |
| **Efficiency** | ~75% - 80% |
---
### 2. Breakdown of the Model Code
The alphanumeric string provides specific details about the component's internal architecture:
* **AM2D**: Series name (2 Watt DC-DC Converter).
* **48**: Nominal input voltage (48V).
* **09**: Output voltage (9V).
* **S**: Single output configuration.
* **H30**: 3000V DC Isolation rating.
* **RZ**: Package/Revision suffix indicating specific lead-free/RoHS compliance and internal design version.
---
### 3. Functional Features
* **Galvanic Isolation:** The "H30" signifies 3000V DC isolation between the input and output circuits. This protects sensitive downstream electronics from high-voltage surges and eliminates ground loops.
* **Continuous Short Circuit Protection:** The device is designed to withstand a short circuit on the output side without permanent damage, automatically recovering once the fault is removed.
* **Low Ripple and Noise:** Designed to provide a clean 9V signal, minimizing electromagnetic interference (EMI) in sensitive analog or digital circuits.
* **Temperature Range:** Typically rated for operation between **-40°C to +85°C**, making it suitable for harsh industrial environments.
---
### 4. Typical Applications
1. **Industrial Controls:** Powering sensors and actuators that require isolated power to prevent electrical noise interference.
2. **Telecommunications:** Used in distributed power architectures where a 48V rail is standard.
3. **Data Acquisition:** Providing stable power to ADCs (Analog-to-Digital Converters) where isolation from the main power bus is critical for accuracy.
- ⤷
What are the pinout configurations for the SIP7 package of this converter?
- ⤷ Can this module be used with an input voltage higher than 53V?
- ⤷ How does the efficiency change under low-load conditions?