AM2D-4812DH30-RZ
AI

The **AM2D-4812DH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D series, which is characterized by its compact size, high isolation, and fixed input voltage range.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electrical characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage (Nominal)** | 48 VDC (Range: 43.2V to 52.8V) |
| **Output Voltage** | ±12 VDC (Dual Output) |
| **Output Current** | ±83 mA (per channel) |
| **Max Power Output** | 2 Watts |
| **Isolation Voltage** | 3000 VDC |
| **Package Type** | DIP14 (Dual In-line Package) |
| **Efficiency** | ~80% (typical) |
---
### 2. Functional Description
This electronic component serves several critical roles in a circuit:
1. **Voltage Transformation:** It converts a 48V input into a stable, symmetric dual output of +12V and -12V. This is essential for powering operational amplifiers (Op-Amps) and analog circuits.
2. **Galvanic Isolation:** With a 3000 VDC isolation rating, it separates the input circuit from the output circuit. This protects sensitive downstream components from high-voltage surges and reduces noise interference.
3. **Regulation Type:** This is a **fixed input, unregulated output** converter. This means the output voltage may fluctuate slightly depending on the load and input variations.
---
### 3. Pinout Configuration (DIP14)
The physical layout follows standard DIP14 spacing, though not all pins are used. Common pin assignments for this series are:
* **Pin 1:** -V Input
* **Pin 7:** NC (No Connection)
* **Pin 8:** Common (0V Output)
* **Pin 9:** +V Output
* **Pin 11:** -V Output
* **Pin 14:** +V Input
---
### 4. Common Applications
* **Industrial Controls:** Powering sensors and actuators that require dual-rail voltages.
* **Telecommunications:** Used in systems where a 48V bus is standard.
* **Instrumentation:** Providing isolated power to analog-to-digital converters (ADCs) to ensure signal integrity.
* **Medical Equipment:** Utilizing the high isolation barrier for safety.
- ⤷
Does this converter require external capacitors for noise filtering?
- ⤷ What is the operating temperature range for the AM2D series?
- ⤷ How does the 'RZ' suffix differentiate this model from the 'Z' version?