AM2D-4815DH30-RZ
AI

### Overview of AM2D-4815DH30-RZ
The **AM2D-4815DH30-RZ** is a high-performance DC-DC converter manufactured by Aimtec. It is part of the AM2D-RZ series, designed to provide regulated power with high isolation in a compact SIP7 package.
---
### Technical Specifications
The following table outlines the primary electrical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 36V to 72V DC (Nominal 48V) |
| **Output Voltage** | ±15V DC (Dual Output) |
| **Output Current** | ±67 mA |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 3000 VDC |
| **Package Type** | SIP7 (Single In-line Package) |
| **Efficiency** | ~80% (Typical) |
| **Operating Temperature** | -40°C to +85°C |
---
### Key Internal Electronic Parts & Features
The device functions as a **Switching Mode Power Supply (SMPS)**. Its internal architecture consists of several critical stages:
1. **Input Filter:** Consists of internal capacitors to minimize reflected ripple current and protect the converter from input spikes.
2. **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that converts the DC input into a high-frequency AC signal.
3. **Isolation Transformer:** The core component that provides the **3000 VDC isolation**. It transfers energy from the primary (input) side to the secondary (output) side through magnetic induction, ensuring there is no direct electrical connection.
4. **Rectification & Smoothing:** Fast-recovery diodes convert the AC from the transformer back to DC. Output capacitors are used to smooth the ±15V DC signal to ensure low noise and ripple.
5. **Regulation Circuitry:** Ensures that the output remains stable at ±15V even if the input voltage fluctuates between 36V and 72V.
---
### Application Usage
This part is commonly used in industrial and telecommunications environments where sensitive logic circuits need to be isolated from high-voltage power rails.
* **Isolated Gate Drivers:** Powering high-side and low-side drivers in motor controllers.
* **Sensor Power:** Providing clean, dual-rail voltage (±15V) for operational amplifiers (Op-Amps) in data acquisition systems.
* **Noise Reduction:** Breaking ground loops in complex electronic systems to prevent interference.
---
### Pinout Configuration (SIP7)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Negative Input Voltage |
| 4 | +Vout | Positive Output Voltage (+15V) |
| 5 | Common | Output Common / Ground |
| 6 | -Vout | Negative Output Voltage (-15V) |
- ⤷
What are the recommended external capacitors for reducing output ripple on this model?
- ⤷ How does the 3000 VDC isolation benefit industrial motor control applications?
- ⤷ Is there a single-output equivalent to the AM2D-4815DH30-RZ?