AM3N-0507DH52-R
AI

The **AM3N-0507DH52-R** is a high-performance DC/DC converter manufactured by Aimtec. It is part of the AM3N series, designed to provide a regulated dual output from a low-voltage input source, often used in industrial and telecommunications applications.
---
## 1. Technical Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Value |
| :--- | :--- |
| **Input Voltage (Nominal)** | 5 VDC (Range: 4.5 - 5.5 VDC) |
| **Output Voltage** | ±7.2 VDC (Dual Output) |
| **Output Current** | ±208 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 5200 VDC |
| **Efficiency** | ~72% - 78% |
| **Package Type** | DIP24 (Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Features and Functions
### High Isolation
The "H52" in the part number indicates a high isolation rating of **5200 VDC**. This makes it suitable for applications where sensitive control circuitry must be strictly separated from power stages to prevent electrical noise or damage from high-voltage spikes.
### Dual Output Configuration
Unlike standard converters that provide a single positive rail, this unit provides **±7.2V**. This is commonly used to power:
- Operational Amplifiers (Op-Amps) requiring bipolar rails.
- High-precision analog-to-digital converters (ADCs).
- Sensors that require a negative reference voltage.
### Protection Mechanisms
The device typically includes:
* **Continuous Short Circuit Protection:** Prevents damage to the converter if the output load fails.
* **Low Ripple and Noise:** Ensures a clean power supply for sensitive analog components.
---
## 3. Pinout and Physical Layout
The AM3N-0507DH52-R uses a standard **DIP24** footprint. Below is a conceptual representation of the pin logic for dual-output Aimtec converters:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 2 | +Vin | Positive Input Voltage |
| 11 | Common | Common Ground for Output |
| 12 | -Vout | Negative Output Voltage (-7.2V) |
| 13 | +Vout | Positive Output Voltage (+7.2V) |
| 15 | Common | Common Ground for Output |
| 23, 24 | -Vin | Negative Input Voltage (Ground) |
---
## 4. Common Applications
* **Industrial Controls:** Powering isolated RS-232/RS-485 communication interfaces.
* **Medical Equipment:** Due to the high isolation rating, it can be used in non-patient contact medical devices.
* **Measurement Tools:** Supplying bipolar power to signal conditioning circuits.
- ⤷
What are the specific soldering requirements for the DIP24 package of this converter?
- ⤷ Can this converter be used in parallel to increase output current?
- ⤷ What are the recommended input and output capacitors for noise reduction in this model?