AM3N-0518D-RZ
AI

## Technical Overview of AM3N-0518D-RZ
The **AM3N-0518D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM3N-Z series, specifically designed for applications requiring compact footprints and reliable power isolation.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 5.5V DC (Nominal 5V) |
| **Output Voltage** | Dual ±18V DC |
| **Output Current** | ±83mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1000V DC |
| **Package Style** | SIP8 (Single In-line Package) |
| **Efficiency** | ~82% Typical |
---
### 2. Electronic Characteristics & Functionality
#### A. Power Conversion and Regulation
As a **DC-DC converter**, this part takes a 5V input and steps it up to a dual 18V output. It is **unregulated**, meaning the output voltage may fluctuate slightly based on the input voltage and the load applied. It is ideal for providing stable power to operational amplifiers (Op-Amps) or sensors.
#### B. Isolation and Protection
* **Galvanic Isolation:** It provides 1000V DC isolation between the input and the output circuits, preventing noise or high-voltage spikes from damaging sensitive components on the output side.
* **Short Circuit Protection:** It features continuous short-circuit protection with auto-recovery, ensuring the device remains safe during a fault.
#### C. Physical Construction (SIP8)
The "RZ" suffix typically refers to the package type. The SIP8 format is a vertical mount configuration that saves significant board space compared to traditional DIP (Dual In-line) packages.
---
### 3. Pinout Configuration
The AM3N-0518D-RZ utilizes a standard 8-pin SIP layout (though some pins may be omitted depending on the specific model design):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 2 | +Vin | Positive Input Voltage |
| 3 | NC/Control | No Connection or Remote On/Off (if applicable) |
| 5 | NC | No Connection |
| 6 | +Vout | Positive Output Voltage (+18V) |
| 7 | Common | Output Ground (0V) |
| 8 | -Vout | Negative Output Voltage (-18V) |
---
### 4. Typical Applications
* **Analog Circuits:** Providing the dual rails (+/- 18V) required for high-fidelity audio or instrumentation amplifiers.
* **Industrial Automation:** Isolating control logic from power actuators.
* **Data Acquisition:** Reducing ground loop noise in sensitive measurement systems.
- ⤷
What is the difference between regulated and unregulated DC-DC converters in this series?
- ⤷ How does the efficiency of the AM3N-0518D-RZ change with different load levels?
- ⤷ What are the recommended external capacitors for noise filtering with this module?