Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3N-1207D-RZ

  • AI
    The **AM3N-1207D-RZ** is a high-performance, isolated **DC/DC converter** manufactured by Aimtec. It is part of the AM3N-RZ series, designed to provide regulated dual output voltage in a compact SIP8 package. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (12V Nominal) | | **Output Voltage** | ±7.2V DC (Dual Output) | | **Output Current** | ±208mA | | **Max Power** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~80% - 84% | | **Package Type** | SIP8 (Single In-line Package) | --- ### 2. Functional Description This electronic component acts as a power regulator that takes an unstable or different DC input and converts it into a stable, isolated dual-rail output. * **Isolation:** The 1500 VDC isolation protects the load from input-side electrical noise and prevents ground loops, which is critical in sensitive analog circuits. * **Regulated Output:** Unlike unregulated converters, the "R" in the part number indicates it maintains a steady ±7.2V output even if the input voltage fluctuates within its 2:1 range (9-18V). * **Dual Output:** It provides both a positive and a negative rail relative to a common ground, making it ideal for powering Operational Amplifiers (Op-Amps). --- ### 3. Pinout Configuration (SIP8) The standard pinout for the AM3N-RZ dual-output series is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 3 | Remote ON/OFF | Control pin to enable/disable the unit | | 5 | NC | No Connection (Internal) | | 6 | +Vout | Positive Output Voltage (+7.2V) | | 7 | Common | Output Common/Ground | | 8 | -Vout | Negative Output Voltage (-7.2V) | --- ### 4. Typical Applications * **Industrial Controls:** Powering sensors and PLC modules. * **Instrumentation:** Providing clean dual-rail power for precision measurement tools. * **Telecommunications:** Distributed power architectures. * **Data Acquisition:** Powering ADC/DAC components where noise isolation is required. --- ### 5. Protection Features 1. **Continuous Short Circuit Protection:** Automatically recovers once the fault is removed, preventing the module from burning out during a failure. 2. **Wide Operating Temperature:** Usually rated for -40°C to +85°C, suitable for harsh environments.
    ✨ Follow-up Questions
    • ⤷What is the difference between an isolated and non-isolated DC/DC converter?
    • ⤷ How does the Remote ON/OFF pin function in this specific model?
    • ⤷ Can the ±7.2V output be used as a single 14.4V output?