AM3N-2405D-RZ
AI

## Overview of the AM3N-2405D-RZ
The **AM3N-2405D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to a class of compact, regulated power modules designed to provide stable output voltage and galvanic isolation in industrial and electronic applications.
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | ±5V DC (Dual Output) |
| **Output Current** | ±300 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1000 VDC |
| **Package Type** | DIP24 (Dual In-line Package) |
| **Efficiency** | ~72% - 78% |
---
### Internal Electronic Components and Features
The device is an integrated module, meaning it contains several discrete electronic parts internally to handle power conversion:
1. **Switching Controller (PWM):**
The "brain" of the module. It converts the incoming DC voltage into a high-frequency square wave (AC) to allow for efficient transformation.
2. **High-Frequency Transformer:**
Provides the **1000VDC isolation** between the input and output. It steps down the voltage to the required level while ensuring that noise or surges from the 24V line do not reach the 5V load.
3. **Rectifier Diodes & Filters:**
The AC signal from the transformer is converted back to DC using diodes. High-quality capacitors are used at the output to minimize **Ripple and Noise** (typically 75mV p-p).
4. **Feedback Loop / Regulator:**
The "RZ" suffix often denotes a regulated series. It uses an internal feedback mechanism to ensure the ±5V output remains constant even if the input voltage fluctuates between 18V and 36V.
---
### Pin Configuration (Typical DIP24)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input Voltage |
| 11 | -Vout | Negative Output (-5V) |
| 12 | Common | Common Ground for Outputs |
| 13 | +Vout | Positive Output (+5V) |
| 22, 23 | +Vin | Positive Input Voltage (+24V) |
---
### Applications
* **Industrial Controls:** Powering sensors that require dual rail (±5V) supply.
* **Operational Amplifiers:** Providing clean, symmetrical power for analog signal processing.
* **Data Acquisition:** Protecting sensitive digital circuits from noisy 24V industrial power lines.
* **Telecommunications:** Used in distributed power architectures.
- ⤷What are the cooling requirements for the AM3N-2405D-RZ at full load?
- ⤷ How does the 'RZ' suffix differ from the standard 'S' or 'D' series?
- ⤷ Is this converter protected against short circuits?