AM3N-2409DH52-R
AI

The **AM3N-2409DH52-R** is a high-isolation, regulated DC/DC converter manufactured by **Aimtec**. It is designed for industrial and medical applications where high voltage separation and stable output are critical.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | Dual ±9V DC |
| **Output Current** | ±167 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 5200 VDC |
| **Package Type** | DIP24 (Plastic Case) |
| **Efficiency** | ~78% - 80% |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows Aimtec’s specific naming convention:
* **AM3N**: Series name (3 Watt regulated DC/DC converter).
* **24**: Nominal input voltage (24V).
* **09**: Output voltage (9V).
* **D**: Dual output (provides both +9V and -9V).
* **H52**: High Isolation (tested up to 5200 VDC).
* **R**: Regulated output (ensures the voltage stays constant despite input fluctuations).
---
### 3. Core Features and Electronic Protection
The internal circuitry of this component includes several protective layers to ensure longevity and safety:
* **Regulated Output:** Unlike unregulated converters, this part uses internal feedback loops to maintain a steady ±9V output even if the input voltage swings between 18V and 36V.
* **Continuous Short Circuit Protection:** The device can withstand a short circuit on its output indefinitely without burning out, automatically recovering once the fault is removed.
* **High Isolation (5200 VDC):** This is the standout feature. It provides a massive barrier between the input and output stages, protecting sensitive downstream electronics from high-voltage spikes or ground loops.
* **Low Ripple and Noise:** Typically around 100mV p-p, making it suitable for powering analog sensors or operational amplifiers.
---
### 4. Common Applications
Due to its dual output and high isolation, this part is commonly used in:
1. **Industrial Controls:** Powering PLCs or sensors in noisy environments.
2. **Medical Equipment:** Providing safety barriers between the power grid and patient-connected sensors.
3. **Data Acquisition:** Eliminating ground loops in high-precision measurement systems.
4. **IGBT Gate Drivers:** Providing the necessary positive and negative rails for switching power transistors.
---
- ⤷What is the difference between this 'R' (regulated) version and an unregulated DC/DC converter?
- ⤷ Does this component require external capacitors for stability?
- ⤷ What are the pinout dimensions for the DIP24 package?