AM3N-2415D-RZ
AI

### AM3N-2415D-RZ Technical Overview
The **AM3N-2415D-RZ** is a high-performance **DC-DC Converter** manufactured by Aimtec. It belongs to the AM3N series, which is characterized by its compact SIP8 package and regulated output.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | ±15V DC (Dual Output) |
| **Output Current** | ±100 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~82% - 85% |
| **Package Type** | SIP8 (Single In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Components
To understand the electronic parts inside and surrounding this module, we categorize them as follows:
#### A. Internal Circuitry
* **Switching Controller:** Uses high-frequency Pulse Width Modulation (PWM) to convert the DC input into a high-frequency AC signal.
* **Isolation Transformer:** A miniature ferrite-core transformer that provides the 1500VDC galvanic isolation between the 24V input and 15V outputs.
* **Rectification & Filtering:** High-speed Schottky diodes and internal ceramic capacitors (MLCC) convert the AC back to stable ±15V DC.
* **Linear Regulator (RZ Series Feature):** The "RZ" suffix denotes that the output is **regulated**. This means internal feedback circuitry ensures the output stays at exactly 15V even if the input voltage fluctuates or the load changes.
#### B. External Recommended Components
To ensure electromagnetic compatibility (EMC) and longevity, the following external parts are typically used in a circuit design:
```cpp
// Typical Input Filter Setup
1. Input Capacitor (Cin): 4.7µF to 100µF (Electrolytic or Ceramic)
- Purpose: To reduce input ripple and handle surge currents.
2. Output Capacitor (Cout): 10µF to 22µF (Low ESR)
- Purpose: To further smooth the ±15V output for sensitive analog loads.
3. Protection: A Fuse or TVS Diode
- Purpose: To protect the module from overvoltage spikes or reverse polarity.
```
---
### 3. Applications and Usage
This specific part is widely used in industrial and telecommunication sectors for:
* **Operational Amplifiers (Op-Amps):** The dual ±15V output is the standard power requirement for high-precision analog signal processing.
* **Sensor Interfaces:** Providing isolated power to sensors to prevent ground loops.
* **Data Acquisition Systems:** Ensuring clean, isolated power for ADC/DAC components.
- ⤷What is the difference between the 'RZ' and 'NZ' suffixes in Aimtec converters?
- ⤷ Can I use this module to power a 30V single-rail load instead of dual ±15V?
- ⤷ What are the recommended EMC filter components for this specific 24V input model?