Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3N-D-RZ_13

  • AI
    The **AM3N-D-RZ** series (specifically within the 13-15 range) refers to a family of high-performance, isolated **DC/DC converters** manufactured by Aimtec. These components are designed to convert a source of direct current from one voltage level to another while providing electrical isolation. --- ### 1. Key Technical Specifications The "13" suffix typically denotes specific input/output configurations. Below is a general profile for this component series: | Feature | Specification (Typical) | | :--- | :--- | | **Power Rating** | 3 Watts | | **Input Voltage Range** | 2:1 Wide Input (e.g., 9-18V, 18-36V) | | **Isolation Voltage** | 1000 to 3000 VDC | | **Output Type** | Dual Output (indicated by the "D") | | **Package Style** | DIP24 (Dual In-line Package) | | **Efficiency** | Up to 82% | --- ### 2. Internal Electronic Architecture The AM3N-D-RZ series utilizes several core electronic sections to manage power: 1. **Input Filter:** Uses a network of capacitors and inductors to reduce reflected ripple current back to the main power source. 2. **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) circuit that chops the DC input into a high-frequency AC signal. 3. **Isolation Transformer:** The heart of the unit. It transfers energy magnetically from the primary to the secondary side, ensuring no physical electrical connection exists between input and output. 4. **Rectification & Smoothing:** Fast-recovery diodes and output capacitors convert the AC back into stable, low-noise DC. 5. **Feedback Loop:** Optocouplers or auxiliary windings provide feedback to the controller to maintain a steady output voltage regardless of load changes. --- ### 3. Pinout Configuration (Standard DIP24) For a Dual Output (D) model, the pin configuration generally follows this logic: ```markdown Pin 2 & 3: -V Input Pin 9: Common (0V Output) Pin 11: -V Output Pin 14: +V Output Pin 16: Common (0V Output) Pin 22 & 23: +V Input ``` --- ### 4. Common Applications * **Industrial Controls:** Powering sensors and actuators where ground loops must be avoided. * **Instrumentation:** Providing clean, isolated dual rails (e.g., +/- 12V or +/- 15V) for operational amplifiers. * **Telecommunications:** Level shifting and noise isolation in data transmission equipment. * **Mixed Signal Circuits:** Separating noisy digital power from sensitive analog power. ---
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the '13' variant of this model?
    • ⤷ Does this DC/DC converter include short-circuit protection?
    • ⤷ What are the thermal operating limits for the AM3N-D-RZ series?