Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3T-0505S-RVZ

  • AI
    The **AM3T-0505S-RVZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide regulated power with high isolation in a compact form factor. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 4.5V to 9V DC (Nominal 5V) | | **Output Voltage** | 5V DC | | **Output Current** | 600 mA (Max) | | **Power Rating** | 3 Watts | | **Isolation Voltage** | 1500 VDC (Standard) / 3000 VDC (High Isolation) | | **Package Type** | DIP24 (Dual In-line Package) | --- ### 2. Key Features The AM3T series is known for several industrial-grade features: * **2:1 Wide Input Range:** It can handle input fluctuations between 4.5V and 9V while maintaining a steady 5V output. * **Regulated Output:** Unlike unregulated converters, this maintains a stable voltage regardless of load changes (within its limits). * **Protection Mechanisms:** * Continuous Short Circuit Protection (with auto-recovery). * Over Voltage Protection. * **Efficiency:** Typically operates at around **74% to 80%** efficiency. * **Operating Temperature:** Functions between **-40°C to +85°C**, making it suitable for harsh environments. --- ### 3. Pinout Configuration (DIP24) While you should always consult the official datasheet for your specific PCB layout, the standard DIP24 configuration for this series is: | Pin Number | Function | |:---|:---| | 2 & 3 | -V Input | | 22 & 23 | +V Input | | 10 & 15 | -V Output | | 11 & 14 | +V Output | --- ### 4. Common Applications This component is typically used in circuits where the power source is unstable or where sensitive components must be electrically isolated from the main power rail: 1. **Industrial Control Systems:** Protecting microcontrollers from noise in 5V logic lines. 2. **Data Acquisition:** Isolating analog sensors from digital interference. 3. **Telecommunications:** Converting bus voltages to local logic levels. --- ### 5. Schematic Implementation When using this part, it is recommended to add capacitors to the input and output to reduce ripple and noise: ```text Input (+) ----[ C1 ]---- (Pin 22/23) [ AM3T-0505S-RVZ ] Input (-) -------------- (Pin 2/3) Output (+) ----[ C2 ]---- (Pin 11/14) Output (-) -------------- (Pin 10/15) ``` * **C1 (Input Capacitor):** 4.7µF to 100µF (Low ESR). * **C2 (Output Capacitor):** 10µF to 100µF.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'RVZ' suffix and other suffixes in this series?
    • ⤷ How do I calculate the thermal derating for this part at temperatures above 70°C?
    • ⤷ Can this converter be used in parallel to increase output current?