Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3T-0509S-RVZ

  • AI
    The **AM3T-0509S-RVZ** is a high-performance DC-DC converter manufactured by Aimtec. It is designed to provide regulated power with high isolation, typically used in industrial, telecommunications, and instrumentation applications. --- ## 1. Core Specifications The model name follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 9V DC (Nominal 5V) | | **Output Voltage** | 9V DC | | **Output Current** | 333 mA (Max) | | **Power Rating** | 3 Watts | | **Isolation Voltage** | 3000 VDC (Reinforced) | | **Efficiency** | ~78% to 82% | | **Package Type** | DIP24 (Plastic case) | --- ## 2. Key Electronic Features ### Input/Output Parameters * **2:1 Wide Input Range:** This device can handle a fluctuating input voltage between 4.5V and 9V while maintaining a steady 9V output. * **Regulated Output:** Unlike unregulated converters, the output voltage stays stable regardless of changes in the input voltage or the load (within specified limits). * **Isolation:** The **"RVZ"** suffix indicates a reinforced isolation of 3000VDC, which is critical for separating sensitive logic circuits from noisy power rails or ensuring safety in medical/industrial environments. ### Protection Circuitry The converter includes built-in safeguards to prevent damage to the component or the connected system: 1. **Continuous Short Circuit Protection:** Automatically recovers once the fault condition is removed. 2. **Over-Voltage Protection:** Prevents downstream components from being fried if a regulation failure occurs. 3. **Input Filter:** Typically uses a Pi ($\pi$) filter to minimize electromagnetic interference (EMI). --- ## 3. Pinout Configuration (DIP24) | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -V Input | Negative Supply Input | | 9 | NC | No Connection | | 11 | NC | No Connection | | 14 | +V Output | Positive Power Output | | 16 | -V Output | Negative Power Output | | 22, 23 | +V Input | Positive Supply Input | --- ## 4. Typical Applications * **Industrial Control Systems:** Powering sensors and actuators that require isolated grounds. * **Data Acquisition:** Providing clean power to Analog-to-Digital Converters (ADCs). * **Distributed Power Architectures:** Where local regulation is needed from a 5V bus.
    ✨ Follow-up Questions
    • ⤷ What is the operating temperature range for the AM3T-0509S-RVZ?
    • ⤷ Does this model require external capacitors for stability?
    • ⤷ What are the physical dimensions of the DIP24 package used here?