Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3T-1205D-RZ

  • AI
    The **AM3T-1205D-RZ** is a high-performance DC-DC converter manufactured by Aimtec. It is part of the AM3T series, designed to provide regulated power in a compact package with high isolation. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (Nominal 12V) | | **Output Voltage** | ±5V DC (Dual Output) | | **Output Current** | ±300 mA | | **Max Output Power** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~78% (Typical) | | **Package Style** | DIP24 (Dual In-line Package) | --- ### 2. Functional Description This electronic part serves as a **regulated power supply module**. Its main functions include: * **Voltage Regulation:** It takes a fluctuating input (between 9V and 18V) and maintains a steady, precise ±5V output. * **Galvanic Isolation:** It provides 1500V DC isolation between the input and output circuits, protecting sensitive downstream components from input-side electrical noise or surges. * **Dual Output:** Unlike single-output converters, this "D" (Dual) model provides both a positive (+5V) and a negative (-5V) rail relative to a common ground, which is essential for powering operational amplifiers (Op-Amps) and analog sensors. --- ### 3. Pinout Configuration (DIP24) The AM3T-1205D-RZ typically follows a standard DIP24 footprint. Common pin assignments for this series include: | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -V Input | Negative Input Voltage | | 9 | Common | Output Common (Ground) | | 11 | -V Output | Negative 5V Output | | 14 | +V Output | Positive 5V Output | | 16 | Common | Output Common (Ground) | | 22, 23 | +V Input | Positive Input Voltage | --- ### 4. Common Applications * **Industrial Controls:** Powering sensors and PLC modules where 12V bus power is standard. * **Instrumentation:** Providing symmetrical rails for precision analog-to-digital converters (ADCs). * **Communication Equipment:** Isolated power for data transceivers to prevent ground loops. * **Medical Devices:** Used in non-patient-contact equipment requiring isolated power. ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal operating limits for the AM3T-1205D-RZ?
    • ⤷ Does this model include short-circuit protection?
    • ⤷ What is the physical dimension of the DIP24 package used by Aimtec?