AM3T-1205S-RZ
AI

## Overview: AM3T-1205S-RZ DC-DC Converter
The **AM3T-1205S-RZ** is a high-performance, isolated DC-DC converter manufactured by Aimtec. It belongs to the AM3T series, which is characterized by a 3-watt output power rating and a compact DIP24 package.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 18V DC (2:1 Wide Input) |
| **Output Voltage** | 5V DC |
| **Output Current** | 600 mA (Max) |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~78% to 82% |
| **Package Style** | DIP24 (Plastic or Metal options) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Electronic Composition and Features
This component is an integrated module consisting of several internal electronic stages:
* **Input Filter:** Typically includes an internal capacitor to reduce reflected ripple current.
* **Switching Controller:** Uses high-frequency Pulse Width Modulation (PWM) to convert DC to high-frequency AC.
* **Isolation Transformer:** Provides galvanic isolation between the input and output circuits, ensuring safety and noise decoupling.
* **Rectification & Filtering:** High-speed Schottky diodes and output capacitors smooth the AC back into a stable 5V DC output.
* **Protection Circuitry:**
* **Continuous Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Over Voltage Protection:** Safeguards the load from voltage spikes.
---
### 3. Pinout Configuration (DIP24)
Standard configuration for the AM3T series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input Voltage |
| 9 | NC | No Connection |
| 11 | NC | No Connection |
| 14 | +Vout | Positive Output Voltage |
| 16 | -Vout | Negative Output Voltage |
| 22, 23 | +Vin | Positive Input Voltage |
---
### 4. Typical Applications
* **Industrial Controls:** Powering sensors and microcontrollers from a variable 12V bus.
* **Telecommunications:** Isolating noise between power rails.
* **Data Acquisition:** Providing clean, isolated power to sensitive ADC/DAC components.
* **Distributed Power Architectures:** Where localized voltage regulation is required.
- ⤷
What are the recommended external capacitors for reducing output ripple in this model?
- ⤷ How does the 2:1 input range compare to 4:1 input DC-DC converters?
- ⤷ What is the physical dimension of the DIP24 package used by Aimtec?