AM3T-1207D-RVZ
AI

## Overview of AM3T-1207D-RVZ
The **AM3T-1207D-RVZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to a series of compact, isolated power modules designed for industrial and telecommunications applications where stable voltage conversion and high isolation are required.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 18V DC (Nominal 12V) |
| **Output Voltage** | ±7.2V DC (Dual Output) |
| **Output Current** | ±208 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 3000 VDC |
| **Efficiency** | ~78% - 82% |
| **Package Style** | DIP24 (Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### Core Internal Electronic Components
To achieve its function, the module integrates several internal stages:
1. **Input Filter:** Typically consists of high-quality ceramic capacitors and sometimes an inductor (Pi-filter) to minimize reflected ripple current back to the source.
2. **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that converts the DC input into a high-frequency AC signal.
3. **Isolation Transformer:** The heart of the "RVZ" designation. It provides a 3000VDC physical barrier between the input and output circuits, protecting sensitive components from surges.
4. **Rectification & Smoothing:** Fast-recovery diodes and output capacitors convert the AC signal from the transformer back into clean, regulated ±7.2V DC.
5. **Feedback Loop:** An internal optocoupler or auxiliary winding provides feedback to the controller to ensure the output voltage remains constant despite load changes.
---
### Features and Use Cases
#### Features
* **Continuous Short Circuit Protection:** Protects the module and the load from damage during fault conditions.
* **Wide 2:1 Input Range:** Allows the device to operate even if the source battery or power supply fluctuates between 9V and 18V.
* **Dual Output:** Provides both positive and negative rails, which is essential for powering operational amplifiers (Op-Amps).
#### Applications
* **Analog Circuits:** Powering instrumentation amplifiers and sensors.
* **Industrial Controls:** Providing isolated power to PLC modules.
* **Telecommunications:** Noise-sensitive data transmission equipment.
---
- ⤷What are the specific pinout configurations for the DIP24 package of this module?
- ⤷ How does the 'RVZ' suffix distinguish this model from standard AM3T series units?
- ⤷ Can this converter be used in medical applications requiring high isolation?