AI

## Overview of the AM3T-1207D-RZ
The **AM3T-1207D-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a stable dual-output voltage from a wide range of input voltages, making it ideal for industrial, telecommunications, and instrumentation applications.
---
### Key Specifications
Below are the primary technical parameters for this specific electronic component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Aimtec |
| **Package Type** | DIP24 (Dual In-line Package) |
| **Input Voltage Range** | 9V to 18V DC (12V Nominal) |
| **Output Voltage** | ±7.2V DC (Dual Output) |
| **Output Current** | ±200mA |
| **Max Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~78% - 82% |
---
### Core Electronic Characteristics
1. **Wide Input Range (2:1):** The "T" in the series name often indicates a 2:1 input range. This allows the device to handle fluctuations in the source power (e.g., a battery discharging from 18V down to 9V) while maintaining a steady output.
2. **Dual Output Configuration:** Unlike single-output converters, this model provides both a positive and negative rail (+7.2V and -7.2V). This is essential for powering operational amplifiers (Op-Amps) and sensitive analog circuitry.
3. **Galvanic Isolation:** The 1500VDC isolation ensures that the input and output circuits are electrically separated. This protects sensitive downstream components from high-voltage surges on the input side and breaks ground loops.
4. **Protection Features:**
* **Continuous Short Circuit Protection:** The device can withstand a short circuit on the output indefinitely without being destroyed.
* **Operating Temperature:** Typically rated for -40°C to +85°C, suitable for harsh environments.
---
### Pinout Configuration (Standard DIP24)
While you should always consult the official Aimtec datasheet, the standard pinout for this series is as follows:
| Pin Number | Function |
| :--- | :--- |
| 2, 3 | -V Input |
| 9 | Common (Ground for Output) |
| 11 | -V Output |
| 14 | +V Output |
| 16 | Common (Ground for Output) |
| 22, 23 | +V Input |
---
### Typical Application Circuit
When integrating this part into a PCB design, it is common to use decoupling capacitors to reduce noise.
```cpp
// Representative Filter Recommendation
// [Input +] --- [Capacitor 10uF] --- [Pin 22/23]
// [Output +] --- [Capacitor 4.7uF] --- [Load]
// [Output -] --- [Capacitor 4.7uF] --- [Load]
```
- ⤷
What are the specific noise filtering requirements for the AM3T-1207D-RZ?
- ⤷ How does the efficiency curve change at low load levels for this converter?
- ⤷ Can this module be used in parallel to increase output power?