Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3T-1207S-RZ

  • AI
    ## Overview of AM3T-1207S-RZ The **AM3T-1207S-RZ** is a high-performance **DC-DC Converter** manufactured by Aimtec. It is part of the AM3T series, designed to provide regulated power in a compact package, typically used in industrial, telecommunications, and instrumentation applications. --- ### 1. Key Technical Specifications The following table outlines the core electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (2:1 Wide Input) | | **Nominal Input Voltage** | 12V DC | | **Output Voltage** | 7.2V DC | | **Output Current** | 416 mA (Max) | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~80% - 82% | | **Package Type** | DIP24 (Plastic case) | | **Switching Frequency** | 200 kHz (Typical) | --- ### 2. Functional Electronic Components The internal architecture of the AM3T-1207S-RZ consists of several critical electronic stages: 1. **Input Filter:** Consists of capacitors and often an inductor (Pi-filter) to reduce electromagnetic interference (EMI) and reflected ripple current back to the source. 2. **PWM Controller:** An integrated circuit (IC) that regulates the output voltage by adjusting the pulse width of the switching signal based on feedback. 3. **Switching MOSFET:** Acts as a high-speed electronic switch that chops the DC input into high-frequency AC. 4. **Isolation Transformer:** Provides galvanic isolation (1500VDC) between the input and output circuits, ensuring safety and noise decoupling. 5. **Rectification & Smoothing:** Fast-recovery diodes and output capacitors convert the high-frequency AC from the transformer back into stable DC. --- ### 3. Pin Configuration (DIP24) Standard pinout for the RZ suffix (Regulated) usually follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **2, 3** | -Vin | Negative Input Voltage | | **9** | NC | No Connection | | **11** | NC | No Connection | | **14** | +Vout | Positive Output Voltage | | **16** | -Vout | Negative Output Voltage | | **22, 23** | +Vin | Positive Input Voltage | --- ### 4. Application Use-Cases * **Industrial Automation:** Powering sensors and control logic from a 12V bus. * **Telecommunications:** Used for voltage stabilization and isolation in networking hardware. * **Test and Measurement:** Providing clean, isolated power to sensitive analog-to-digital converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What are the thermal operating limits for this DC-DC converter?
    • ⤷ Does this model support short-circuit protection?
    • ⤷ How does the 'RZ' suffix differ from other models in the AM3T series?