AM3T-1209D-RZ
AI

### AM3T-1209D-RZ Overview
The **AM3T-1209D-RZ** is a high-performance, isolated DC/DC converter manufactured by **Aimtec**. It is part of the AM3T series, which is known for providing a regulated dual output in a compact 24-pin DIP package.
---
### Core Specifications
Below are the primary technical parameters for the component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 18V DC (12V Nominal) |
| **Output Voltage** | ±9V DC (Dual Output) |
| **Output Current** | ±167 mA |
| **Max Power** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~78% - 82% |
| **Package Style** | 24-Pin DIP (Plastic Case) |
| **Operating Temperature** | -40°C to +85°C |
---
### Key Electronic Features
#### 1. Wide 2:1 Input Range
The device handles a wide range of input fluctuations (9V to 18V), making it ideal for systems where the primary power source might vary, such as battery-powered applications or automotive electronics.
#### 2. Regulated Dual Output
Unlike unregulated converters, the "RZ" suffix denotes a regulated output. This ensures that the ±9V remains stable regardless of changes in the input voltage or the output load conditions.
#### 3. Isolation
With **1500 VDC isolation**, the part physically separates the input circuit from the output circuit. This is critical for:
* Breaking ground loops.
* Reducing noise interference.
* Protecting sensitive components on the output side from input voltage spikes.
#### 4. Protection Mechanisms
The unit typically includes built-in safeguards to ensure longevity:
* **Continuous Short Circuit Protection:** Prevents damage if the output terminals are accidentally shorted.
* **Input Filter:** Uses a Pi ($\pi$) filter to minimize electromagnetic interference (EMI).
---
### Pinout Configuration (DIP24)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -V Input | Negative Input Voltage |
| 9 | Common | Output Common (Zero/Ground) |
| 11 | -V Output | Negative Output Voltage (-9V) |
| 14 | +V Output | Positive Output Voltage (+9V) |
| 16 | Common | Output Common (Zero/Ground) |
| 22, 23 | +V Input | Positive Input Voltage |
---
### Common Applications
* **Operational Amplifiers:** Providing the necessary symmetric (+/-) rails for analog signal processing.
* **Industrial Control Systems:** Powering sensors and actuators that require isolated power.
* **Data Acquisition:** Ensuring clean, noise-free power for ADC/DAC components.
- ⤷What is the difference between the AM3T-1209D-RZ and the AM3T-1209S-RZ?
- ⤷ Does this converter require external capacitors for stability?
- ⤷ What are the thermal derating requirements for this part at high temperatures?