AM3T-1212D-RZ
AI

The **AM3T-1212D-RZ** is a high-performance, isolated DC/DC converter manufactured by **Aimtec**. It is designed to provide a stable dual output voltage from a wide-range input, commonly used in industrial and telecommunication applications.
---
### ## Technical Specifications
The following table outlines the primary electrical characteristics of the AM3T-1212D-RZ:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage Range** | 9V to 18V DC | 2:1 Wide Input Range (Nominal 12V) |
| **Output Voltage** | ±12V DC | Dual Output |
| **Output Current** | ±125 mA | Total power of 3 Watts |
| **Efficiency** | 80% (Typical) | High energy conversion efficiency |
| **Isolation Voltage** | 1500 VDC | Input to Output isolation |
| **Package Type** | DIP24 | Standard 24-pin Dual In-line Package |
| **Operating Temperature** | -40°C to +85°C | Industrial grade |
---
### ## Key Electronic Features
1. **Regulated Dual Output:**
Unlike unregulated converters, the "R" in the part number indicates it is **regulated**. This means the ±12V output remains stable even if the input voltage fluctuates within the 9-18V range or if the load changes.
2. **Galvanic Isolation:**
With a 1500VDC isolation rating, this part protects sensitive downstream components from high-voltage surges or noise originating from the input power source.
3. **Short Circuit Protection:**
The device includes continuous short-circuit protection with automatic recovery, preventing the module from burning out during a fault condition.
4. **Low Ripple and Noise:**
Designed to minimize electromagnetic interference (EMI), making it suitable for sensitive analog circuits or data acquisition systems.
---
### ## Pinout Configuration (DIP24)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -V Input | Negative Supply Input |
| 9 | Common | Output Common (Ground) |
| 11 | -V Output | Negative 12V Output |
| 14 | +V Output | Positive 12V Output |
| 16 | Common | Output Common (Ground) |
| 22, 23 | +V Input | Positive Supply Input |
---
### ## Typical Applications
* **Operational Amplifiers:** Providing the +/- split rails required for analog signal processing.
* **Industrial Controls:** Powering sensors and actuators in factory automation.
* **Data Acquisition:** Ensuring clean, isolated power for ADC/DAC components.
* **Telecommunications:** Voltage stabilization in networking equipment.
- ⤷
What is the difference between the 2:1 and 4:1 input range versions of this converter?
- ⤷ How does the 'RZ' suffix specifically differ from the standard 'RZ' series models?
- ⤷ What external capacitors are recommended to reduce output ripple for this part?