AM3T-1215D-RZ
AI

### Overview of the AM3T-1215D-RZ
The **AM3T-1215D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM3T series, designed to provide a regulated dual output from a wide range of input voltages. These components are commonly used in industrial, telecommunications, and instrumentation applications where board space is limited but high isolation and efficiency are required.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 18V DC (Nominal 12V) |
| **Output Voltage** | ±15V DC (Dual Output) |
| **Output Current** | ±100 mA |
| **Max Output Power** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~80% (Typical) |
| **Package Type** | DIP24 (Plastic Case) |
| **Operating Temperature** | -40°C to +85°C |
---
### Internal Electronic Architecture
The device functions as a **Switched-Mode Power Supply (SMPS)**. Its internal construction typically includes:
1. **Input Filter:** A built-in Pi-filter to minimize electromagnetic interference (EMI) and reflected ripple current.
2. **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that drives an internal MOSFET.
3. **Isolation Transformer:** Provides the 1500VDC galvanic isolation between the input and output circuits, ensuring safety and noise decoupling.
4. **Rectification & Smoothing:** Fast-recovery diodes and low-ESR capacitors convert the high-frequency AC from the transformer back into stable DC.
5. **Regulation Circuitry:** Ensures the output stays at a precise ±15V despite fluctuations in load or input voltage.
---
### Pin Configuration (DIP24 Standard)
While specific layouts can vary by series, the standard DIP24 layout for this dual-output model generally follows this logic:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | **-Vin** | Negative Input Voltage |
| 9 | **Common** | Output Zero Potential (Ground) |
| 11 | **-Vout** | Negative 15V Output |
| 14 | **+Vout** | Positive 15V Output |
| 16 | **Common** | Output Zero Potential (Ground) |
| 22, 23 | **+Vin** | Positive Input Voltage |
---
### Key Features and Protections
* **2:1 Wide Input Range:** It can handle input fluctuations between 9V and 18V while maintaining a steady output.
* **Short Circuit Protection:** Continuous protection with auto-recovery to prevent damage during faults.
* **Low Ripple and Noise:** Designed to deliver "clean" power to sensitive analog components (like Op-Amps).
* **Regulated Outputs:** Unlike unregulated converters, the output voltage remains stable regardless of the load (within its 3W limit).
---
- ⤷
What are the recommended external capacitors for reducing ripple in the AM3T-1215D-RZ?
- ⤷ How does the 'RZ' suffix differentiate this model from other AM3T versions?
- ⤷ Can this converter be used to power operational amplifiers requiring a split rail?