AM3T-1218D-RVZ
AI

The **AM3T-1218D-RVZ** is a high-performance, isolated DC/DC converter manufactured by **Aimtec**. It is designed to provide stable power conversion in a compact form factor, commonly used in industrial and telecommunications applications.
---
### ## 1. Key Specifications
The following table summarizes the primary electrical characteristics of the AM3T-1218D-RVZ:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | Dual Output (Isolated) |
| **Input Voltage Range** | 9V to 18V DC (Nominal 12V) |
| **Output Voltage** | ±18V DC |
| **Output Current** | ±83 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | Up to 82% |
| **Package Type** | DIP24 (Dual In-line Package) |
---
### ## 2. Core Functional Features
* **Wide Input Range:** It features a 2:1 input voltage ratio, allowing it to handle fluctuations in the source power supply.
* **Galvanic Isolation:** Provides 1500VDC isolation between input and output, which protects sensitive downstream components from electrical noise and surges.
* **Protection Circuitry:**
* **Short Circuit Protection:** Continuous, with auto-recovery (hiccup mode).
* **Input Filter:** Typically includes an internal Pi-network filter to reduce electromagnetic interference (EMI).
* **Environmental Resilience:** Designed to operate in a wide temperature range (typically -40°C to +85°C), making it suitable for harsh environments.
---
### ## 3. Pin Configuration (Typical DIP24)
While always verifying with the official datasheet, the standard pinout for this series often follows this logic:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input Voltage |
| 9 | Common | Output Common (Ground for Dual Output) |
| 11 | -Vout | Negative Output Voltage |
| 14 | +Vout | Positive Output Voltage |
| 16 | Common | Output Common |
| 22, 23 | +Vin | Positive Input Voltage |
---
### ## 4. Applications
The ±18V dual output makes this part particularly useful for:
1. **Operational Amplifiers (Op-Amps):** Providing the positive and negative rails required for high-precision analog signals.
2. **Industrial Controls:** Powering sensors and actuators that require isolated bipolar power.
3. **Data Acquisition:** Reducing ground loop noise in sensitive measurement systems.
- ⤷
What are the recommended external capacitors for reducing ripple on the AM3T-1218D-RVZ?
- ⤷ How does the 'RVZ' suffix differ from other models in the AM3T series?
- ⤷ What is the maximum operating temperature before derating is required?