AM3T-1224D-RZ
AI

## Overview of the AM3T-1224D-RZ
The **AM3T-1224D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM3T series, which is characterized by its compact size, regulated output, and high isolation capabilities. This specific part is designed for industrial, telecommunications, and instrumentation applications where reliable power conversion is critical.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 18V DC (Nominal 12V) |
| **Output Voltage** | Dual ±24V DC |
| **Output Current** | ±63 mA |
| **Max Power Output** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~82% |
| **Package Type** | DIP24 (Plastic case) |
| **Operating Temperature** | -40°C to +85°C |
---
### Pin Configuration and Functionality
The AM3T-1224D-RZ uses a standard **DIP24** footprint. Below is the typical pinout for the Dual Output RZ series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input Voltage |
| 9 | Common | Common Ground for Output |
| 11 | -Vout | Negative Output Voltage (-24V) |
| 14 | +Vout | Positive Output Voltage (+24V) |
| 16 | Common | Common Ground for Output |
| 22, 23 | +Vin | Positive Input Voltage |
---
### Key Electronic Features
1. **2:1 Wide Input Range:** This part can handle fluctuations in the input source (9V-18V) while maintaining a stable ±24V output.
2. **Continuous Short Circuit Protection:** The device is protected against output shorts, automatically recovering once the fault is removed.
3. **Low Ripple and Noise:** Designed to minimize electromagnetic interference (EMI), making it suitable for sensitive analog circuits.
4. **Galvanic Isolation:** The 1500 VDC isolation ensures that the input and output circuits are electrically separated, protecting sensitive control logic from high-voltage transients on the load side.
---
### Typical Applications
* **Operational Amplifiers:** Providing the dual-rail power (±24V) required for high-precision analog signals.
* **Industrial Controls:** Powering sensors and actuators in factory automation.
* **Data Acquisition:** Ensuring clean power for ADC/DAC components.
- ⤷
What are the recommended external capacitors for reducing input ripple in this model?
- ⤷ How does the efficiency curve change when the load drops below 25%?
- ⤷ Are there pin-compatible alternatives with higher isolation voltage (e.g.
- ⤷ 3000VDC)?