AM3T-1224S-RZ
AI

## AM3T-1224S-RZ: Electronic Component Overview
The **AM3T-1224S-RZ** is a high-performance, isolated **DC-DC converter** manufactured by Aimtec. It is part of the AM3T series, designed to provide a regulated output from a wide range of input voltages, commonly used in industrial and telecommunications applications.
---
### Key Specifications
Below are the primary technical parameters for the AM3T-1224S-RZ:
| Feature | Specification |
| :--- | :--- |
| **Output Power** | 3 Watts |
| **Input Voltage Range** | 9V to 18V DC (12V Nominal) |
| **Output Voltage** | 24V DC |
| **Output Current** | 125 mA (Max) |
| **Isolation Voltage** | 1500 VDC |
| **Package Type** | DIP24 (Dual In-line Package) |
| **Efficiency** | ~82% Typical |
| **Operating Temperature** | -40°C to +85°C |
---
### Component Features and Functions
1. **2:1 Wide Input Range**:
The "12" in the part number signifies a nominal 12V input, but the device can handle fluctuations between **9V and 18V**. This makes it ideal for battery-powered systems where voltage drops over time.
2. **Regulated Output**:
Unlike unregulated converters, the "S" (Single) output remains stable at **24V** regardless of load changes (within its limits) or input voltage swings.
3. **Galvanic Isolation**:
With **1500 VDC isolation**, it electrically separates the input circuit from the output circuit. This protects sensitive downstream components from noise, surges, or ground loops.
4. **Protection Mechanisms**:
* **Continuous Short Circuit Protection**: Prevents damage if the output leads are accidentally crossed.
* **Input Filter**: Usually contains an internal Pi-filter to reduce reflected ripple current.
---
### Pin Configuration (Standard DIP24)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input Voltage |
| 9 | NC | No Connection |
| 11 | NC | No Connection |
| 14 | +Vout | Positive Output Voltage (24V) |
| 16 | -Vout | Negative Output Voltage (0V) |
| 22, 23 | +Vin | Positive Input Voltage |
---
### Applications
* **Industrial Controls**: Providing stable power to sensors and actuators.
* **Telecommunications**: Voltage step-up and isolation for signal processing.
* **Data Acquisition**: Powering 24V loops from a 12V battery or bus.
---
- ⤷What are the recommended external capacitors for reducing ripple in the AM3T-1224S-RZ?
- ⤷ Does this model support remote On/Off control?
- ⤷ What is the derating curve for this component at temperatures above 70°C?