AM3T-2407D-RVZ
AI

The **AM3T-2407D-RVZ** is a high-performance DC-DC converter manufactured by Aimtec. It belongs to the AM3T series, which is known for its compact DIP24 package and regulated dual output.
---
### ## Technical Specifications
The following table outlines the primary electrical characteristics of the AM3T-2407D-RVZ:
| Parameter | Value | Notes |
| :--- | :--- | :--- |
| **Input Voltage Range** | 18 - 36 VDC | 2:1 Wide Input Range |
| **Output Voltage** | ±7.2 VDC | Dual Output |
| **Output Current** | ±200 mA | Max current per rail |
| **Isolation Voltage** | 1500 VDC | Input to Output |
| **Power Rating** | 3 Watts | Total output power |
| **Efficiency** | ~78% - 82% | Depending on load |
| **Package** | DIP24 | Nickel-coated Copper |
---
### ## Key Electronic Components & Features
The internal architecture and external features of this part include several critical electronic subsystems:
### 1. Galvanic Isolation
The device provides **1500 VDC isolation**. This is achieved using an internal transformer that physically separates the input circuit from the output circuit, preventing noise transfer and protecting sensitive downstream components from high-voltage surges.
### 2. Voltage Regulation
The "RVZ" suffix indicates specific regulation and protection features:
* **Regulated Output:** Unlike unregulated converters, this part maintains a stable ±7.2V even if the input voltage fluctuates between 18V and 36V.
* **Short Circuit Protection:** It includes continuous short-circuit protection with auto-recovery, preventing the internal components from burning out during a fault.
### 3. Filtering and EMI Control
The part features an internal input filter. However, for applications requiring strict compliance (like EN55022 Class A), external capacitors and inductors are typically recommended.
---
### ## Pinout Configuration (DIP24)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input |
| 9 | Common | Common Ground for Dual Output |
| 11 | -Vout | Negative 7.2V Output |
| 14 | +Vout | Positive 7.2V Output |
| 16 | Common | Common Ground |
| 22, 23 | +Vin | Positive Input |
---
### ## Application Use Cases
* **Industrial Controls:** Used to power dual-rail Op-Amps in sensor interfaces.
* **Data Acquisition:** Provides clean, isolated power to analog-to-digital converters (ADCs).
* **Telecommunications:** Distributed power architectures requiring intermediate voltage conversion.
- ⤷
What external filtering components are recommended for the AM3T series to meet EMI standards?
- ⤷ How does the dual output configuration differ from a single output model in terms of wiring?
- ⤷ What is the maximum operating temperature for this converter before derating occurs?