AI

## AM3T-2415D-RVZ: Technical Overview
The **AM3T-2415D-RVZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated dual output from a wide range of input voltages, commonly used in industrial, telecommunications, and instrumentation applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | ±15V DC (Dual Output) |
| **Output Current** | ±100 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Package Style** | DIP24 (Plastic Case) |
| **Efficiency** | ~82% Typical |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Electronic Characteristics
* **2:1 Wide Input Range:** This part is capable of handling fluctuations in input voltage within a 2:1 ratio (18-36V), making it resilient against power surges or battery discharge cycles.
* **Dual Output:** It provides both positive and negative rails (+15V and -15V), which is essential for powering operational amplifiers (Op-Amps) and sensitive analog circuitry.
* **Regulated Output:** Unlike unregulated converters, this part maintains a stable 15V output regardless of load changes (within its rated limits).
* **Protection Features:**
* **Short Circuit Protection:** Continuous, with auto-recovery.
* **Filtering:** Built-in Pi-type filter to reduce electromagnetic interference (EMI).
---
### 3. Pin Configuration (DIP24 Standard)
While specific pinouts should always be verified via the Aimtec datasheet, the standard DIP24 DC-DC configuration typically follows this logic:
```text
Pin 2, 3 : -V Input
Pin 9 : Common (GND)
Pin 11 : -V Output
Pin 14 : +V Output
Pin 16 : Common (GND)
Pin 22, 23 : +V Input
```
---
### 4. Common Applications
1. **Industrial Controls:** Powering sensors and actuators that require balanced voltages.
2. **Audio/Analog Circuits:** Providing clean, isolated power to dual-rail Op-Amps.
3. **Data Acquisition:** Eliminating ground loops between digital and analog sections of a PCB.
4. **Test Equipment:** Portable instrumentation where battery voltage varies.
- ⤷
What is the difference between the 'RVZ' suffix and other variants in this series?
- ⤷ How should I design the PCB layout to minimize noise for this converter?
- ⤷ Can this module be used with a 12V input source?