AM3T-2415S-RZ
AI

## AM3T-2415S-RZ: Technical Overview
The **AM3T-2415S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM3T series, designed to provide a stable 15V output from a 24V nominal input, offering 3 Watts of power in a compact package.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (2:1 Wide Input) |
| **Output Voltage** | 15V DC |
| **Output Current** | 200 mA (Max) |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~82% |
| **Package Style** | DIP24 (Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### Core Electronic Characteristics
#### 1. Wide Input Range (2:1)
The device is engineered to handle fluctuations in input voltage. While the nominal input is 24V, it functions reliably anywhere between **18V and 36V**. This makes it ideal for battery-powered systems where voltage drops as the battery discharges.
#### 2. Galvanic Isolation
This part provides **1500 VDC isolation** between the input and output stages. This is critical for:
* **Noise Reduction:** Decoupling sensitive output loads from noisy input power rails.
* **Safety:** Protecting downstream components from high-voltage surges on the input side.
#### 3. Protection Features
The AM3T-2415S-RZ includes several internal safety mechanisms:
* **Continuous Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Input Filter:** Typically uses a Pi ($\pi$) filter to minimize reflected ripple current.
---
### Pin Configuration (Typical DIP24)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -V Input | Negative Supply Input |
| 9 | NC | No Connection |
| 11 | NC | No Connection |
| 14 | +V Output | Positive Output Voltage |
| 16 | -V Output | Negative Output Voltage |
| 22, 23 | +V Input | Positive Supply Input |
---
### Common Applications
* **Industrial Controls:** Powering sensors and actuators in factory automation.
* **Telecommunications:** Distributing power in 24V rack systems.
* **Instrumentation:** Providing clean, isolated power to measurement circuits.
- ⤷
What are the cooling requirements for this converter at maximum load?
- ⤷ Is there a version of this component with 3000VDC isolation?
- ⤷ Can this DC-DC converter be used in parallel for higher power?