Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3T-2418S-RZ

  • AI
    The **AM3T-2418S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM3T series, which are 3-watt regulated converters designed for industrial and telecommunication applications requiring compact footprints and isolation. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters of the component: | Feature | Specification | | :--- | :--- | | **Output Power** | 3 Watts | | **Input Voltage Range** | 18V to 36V DC (24V Nominal) | | **Output Voltage** | 18V DC | | **Output Current** | 167 mA (Maximum) | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~82% (Typical) | | **Package Style** | DIP24 (Plastic case) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Description The AM3T-2418S-RZ acts as a **Step-Down/Step-Up Regulator** with galvanic isolation. * **2:1 Input Range:** The "24" in the part number indicates a nominal 24V input, but the "T" series supports a wide 2:1 range (18V–36V), allowing it to handle fluctuations in battery systems or industrial power rails. * **Regulated Output:** Unlike unregulated converters, this unit maintains a steady 18V output regardless of load changes (within its limits) or input voltage swings. * **Isolation:** The 1500VDC isolation protects sensitive downstream electronics from high-voltage surges or ground loops on the input side. --- ### 3. Protection Features To ensure circuit longevity, the device includes several built-in safety mechanisms: 1. **Continuous Short Circuit Protection:** The device will shut down or limit current if a short is detected, preventing thermal runaway. 2. **Input Filter:** Typically contains an internal Pi-network filter to reduce electromagnetic interference (EMI). 3. **Thermal Performance:** Designed to operate at full load without external heatsinking in many environments, provided there is adequate airflow. --- ### 4. Typical Pinout (DIP24) While you should always consult the official datasheet, the standard DIP24 layout for this series is: ```text Pin 2, 3 : -V Input Pin 9 : No Pin / NC Pin 11 : NC (No Connection) Pin 14 : +V Output Pin 16 : -V Output Pin 22, 23 : +V Input ```
    ✨ Follow-up Questions
    • ⤷ What are the common applications for an 18V isolated output?
    • ⤷ How does the 'RZ' suffix modify the standard AM3T series specifications?
    • ⤷ What external capacitors are recommended to reduce output ripple?