AM3T-2424D-RZ
AI

## Overview of the AM3T-2424D-RZ
The **AM3T-2424D-RZ** is a high-performance DC-DC converter manufactured by Aimtec. It is designed to provide a regulated dual output from a wide range of input voltages, commonly used in industrial and telecommunications applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | ±24V DC (Dual Output) |
| **Output Current** | ±62.5 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~82% |
| **Package Type** | DIP24 (24-pin Dual In-line Package) |
---
### 2. Core Functional Components
Inside the AM3T-2424D-RZ, several electronic stages work together to manage power conversion:
1. **Input Filter:** Uses internal capacitors and inductors to reduce electromagnetic interference (EMI) and ripple current from the 24V source.
2. **Switching Controller:** A high-frequency pulse-width modulation (PWM) controller that converts the DC input into high-frequency AC.
3. **Isolation Transformer:** Provides the 1500VDC galvanic isolation between the input and output circuits, ensuring safety and preventing noise loops.
4. **Rectification & Output Filtering:** Diodes convert the AC back to DC, and a capacitor network smooths the ±24V outputs to minimize noise.
---
### 3. Pin Configuration (DIP24 Layout)
The "RZ" suffix indicates a specific pinout and case style. Below is a general mapping for this series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -V Input | Negative Supply Input |
| 9 | Common | Output Zero/Ground Reference |
| 11 | -V Output | Negative 24V Output |
| 14 | +V Output | Positive 24V Output |
| 16 | Common | Output Zero/Ground Reference |
| 22, 23 | +V Input | Positive Supply Input |
---
### 4. Applications and Protections
* **Continuous Short Circuit Protection:** The device is designed to survive a direct short on the output without permanent damage.
* **Operating Temperature:** Typically ranges from **-40°C to +85°C**, making it suitable for harsh industrial environments.
* **Common Use Cases:**
* Powering Operational Amplifiers (Op-Amps) that require dual rails.
* Industrial automation control systems.
* Data acquisition systems requiring isolated power.
- ⤷
What is the maximum ripple and noise level for the AM3T-2424D-RZ?
- ⤷ Can this converter be used in a single-ended 48V configuration?
- ⤷ How does the 'RZ' suffix differ from the 'NZ' suffix in Aimtec parts?