Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3T-2424S-RZ

  • AI
    The **AM3T-2424S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM3T series, which is characterized by a 3-watt output power rating and a compact 24-pin DIP (Dual Inline Package) footprint. --- ## 1. Core Technical Specifications The part number itself encodes the primary electrical characteristics of the component: | Feature | Specification | Details | | :--- | :--- | :--- | | **Series** | AM3T | 3 Watt regulated DC-DC converter | | **Input Voltage** | 24V Nominal | Range: 18V to 36V (2:1 Input Ratio) | | **Output Voltage** | 24V DC | Single regulated output | | **Package Style** | RZ | 24-pin DIP package (standard footprint) | | **Isolation** | 1500 VDC | Input to output galvanic isolation | --- ## 2. Key Electronic Features The AM3T-2424S-RZ is designed for industrial applications requiring stable power delivery and protection. * **Regulated Output:** Unlike unregulated converters, this part maintains a steady 24V output even if the input voltage fluctuates within the 18V-36V range. * **Protection Mechanisms:** * **Continuous Short Circuit Protection:** Prevents damage to the converter if the load fails. * **Over-Voltage Protection:** Protects downstream components. * **Operating Temperature:** Typically rated for **-40°C to +85°C**, making it suitable for harsh environments. * **Efficiency:** Generally operates at an efficiency rating of **80% to 83%**, reducing heat dissipation requirements. --- ## 3. Typical Pin Configuration (DIP 24) While always refer to the specific datasheet, the standard RZ package for this series follows this common layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -V Input | Negative supply input | | 9 | NC | No Connection | | 11 | NC | No Connection | | 14 | +V Output | Positive DC output | | 16 | -V Output | Negative DC output | | 22, 23 | +V Input | Positive supply input | --- ## 4. Common Applications Due to its 24V to 24V conversion, this part is often used for **voltage stabilization** and **ground loop isolation** in: 1. **Industrial Control Systems:** Isolating sensitive sensors from noisy power rails. 2. **Telecommunications:** Powering remote equipment. 3. **Data Acquisition:** Ensuring clean power for high-precision ADC/DAC circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum ripple and noise level for the AM3T-2424S-RZ?
    • ⤷ Are there versions of this converter with 4:1 input ranges?
    • ⤷ What is the recommended external filtering circuit for this part?