AM3T-4807D-RVZ
AI

The **AM3T-4807D-RVZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power conversion in a compact DIP24 package, commonly used in industrial and telecommunications applications.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the AM3T-4807D-RVZ:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 72V DC (48V Nominal) |
| **Output Voltage** | ±7.2V DC (Dual Output) |
| **Output Current** | ±200 mA |
| **Max Power** | 3 Watts |
| **Isolation Voltage** | 6000 VDC |
| **Efficiency** | ~78% - 82% |
| **Package Style** | DIP24 (Plastic case) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Components
The internal architecture of this module consists of several critical electronic stages:
1. **Input Filter:** Includes an internal capacitor and often a Pi-filter arrangement to minimize reflected ripple current back to the primary power source.
2. **Switching Controller:** Uses Pulse Width Modulation (PWM) to convert the DC input into high-frequency AC.
3. **Isolation Transformer:** The "R" in the part number often signifies reinforced isolation. This component provides the 6000VDC galvanic barrier between the input and output.
4. **Rectification & Smoothing:** Fast-recovery diodes and low-ESR capacitors convert the high-frequency AC back into stable DC outputs.
5. **Dual Output Regulation:** The "D" signifies a dual output, meaning it provides both positive (+7.2V) and negative (-7.2V) rails relative to a common ground.
---
### 3. Feature Breakdown (Part Number Suffixes)
Understanding the nomenclature helps identify the specific protections included:
* **AM3T:** 3 Watt series, wide input range (4:1 ratio).
* **4807:** 48V nominal input, 7.2V output.
* **D:** Dual Output.
* **RVZ:**
* **R:** Reinforced Isolation.
* **V:** High Isolation (6000VDC).
* **Z:** Continuous Short Circuit Protection.
---
### 4. Application Areas
Because of its extremely high isolation rating, this part is typically used in:
* **Medical Equipment:** Where patient-to-circuit isolation is critical.
* **IGBT Gate Drivers:** Requiring isolated dual-rail voltages.
* **Industrial Control:** Preventing ground loops in harsh electrical environments.
* **Renewable Energy:** Monitoring systems for high-voltage battery arrays.
- ⤷
What are the recommended external capacitors for reducing output ripple on this model?
- ⤷ How does reinforced isolation differ from functional isolation in DC-DC converters?
- ⤷ Can the ±7.2V output be used as a single 14.4V output?