AM3T-4818S-RZ
AI

The **AM3T-4818S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to convert a wide range of input DC voltages into a regulated 18V output.
---
## 1. Core Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 72V DC (4:1 Ultra-wide input) |
| **Output Voltage** | 18V DC |
| **Output Current** | 167 mA (Max) |
| **Power Rating** | 3 Watts |
| **Efficiency** | ~82% |
| **Isolation Voltage** | 1500 VDC |
| **Package Style** | DIP24 (Plastic case) |
---
## 2. Key Features and Internal Components
The "RZ" suffix indicates specific design characteristics related to its form factor and protection levels.
### A. Regulation and Protection
* **Regulated Output:** Unlike unregulated converters, the AM3T-4818S-RZ maintains a steady 18V output even if the input voltage fluctuates between 18V and 72V.
* **Short Circuit Protection:** It features continuous short-circuit protection with auto-recovery, preventing the component from burning out during a fault.
* **Input Filter:** Includes an internal Pi-network filter to reduce electromagnetic interference (EMI).
### B. Isolation
The device provides **1500 VDC isolation** between the input and the output. This is crucial for:
* Breaking ground loops.
* Protecting sensitive downstream components from high-voltage spikes on the input rail.
### C. Thermal Performance
* **Operating Temperature:** -40°C to +85°C.
* **Cooling:** Uses free-air convection (no fans required).
---
## 3. Pinout Configuration (DIP24)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input Voltage |
| 9 | NC | No Connection |
| 11 | NC | No Connection |
| 14 | +Vout | Positive Output Voltage |
| 16 | -Vout | Negative Output Voltage |
| 22, 23 | +Vin | Positive Input Voltage |
---
## 4. Typical Applications
1. **Industrial Controls:** Powering sensors or actuators from a 48V bus.
2. **Telecommunications:** Converting standard 48V telecom power to 18V for local circuitry.
3. **Data Acquisition:** Providing isolated power to analog-to-digital converters to ensure signal integrity.
- ⤷
What is the difference between a 2:1 and 4:1 input range in DC-DC converters?
- ⤷ Can I parallel two AM3T-4818S-RZ units to get more current?
- ⤷ What external capacitors are recommended for reducing output ripple on this model?