Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM3TW-R-Z_16

  • AI
    The **AM3TW-R-Z** is a series of high-performance, isolated **DC-DC converters** manufactured by Aimtec. These components are designed to convert a source of direct current (DC) from one voltage level to another while providing electrical isolation, which is critical for protecting sensitive control circuitry from high-voltage spikes or noise. --- ### 1. Key Technical Specifications The "16" in your query likely refers to a specific output voltage or a variation within the series. Below are the general specifications for the AM3TW-R-Z series: | Feature | Specification | | :--- | :--- | | **Power Rating** | 3 Watts | | **Input Voltage Range** | 4:1 Ultra-wide input (e.g., 9-36VDC or 18-72VDC) | | **Isolation Voltage** | 3000 VDC | | **Package Type** | DIP24 (Dual In-line Package) | | **Efficiency** | Up to 84% | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Breakdown of the Model Name Electronic part numbers are alphanumeric codes where each segment describes a feature: * **AM**: Aimtec (Manufacturer) * **3**: 3 Watt output power * **TW**: Wide input range (4:1 ratio) * **R**: Regulated output (maintains constant voltage regardless of load changes) * **Z**: SIP/DIP Package style with specific pinning --- ### 3. Core Functional Components Internally, the AM3TW-R-Z consists of several stages: 1. **Input Filter:** Often includes a Pi ($\pi$) filter to reduce electromagnetic interference (EMI). 2. **Switching Circuit:** Converts DC to high-frequency AC. 3. **Transformer:** Provides the 3000VDC galvanic isolation and steps the voltage up or down. 4. **Rectification & Filtering:** Converts the AC back to a stable DC output. 5. **Control Loop:** A feedback mechanism (optocoupler) that ensures the output voltage remains steady even if the input fluctuates. --- ### 4. Common Applications * **Industrial Controls:** Powering sensors and PLC modules where ground loops must be avoided. * **Telecommunications:** Converting standard 24V or 48V rails to lower logic voltages. * **Instrumentation:** Providing "clean" power to precision measurement tools. * **Distributed Power Architectures:** Where localized voltage regulation is needed on a PCB. --- ### 5. Circuit Implementation Example When integrating this part into a PCB, it is standard practice to add external capacitors to ensure stability: ```cpp // Typical Peripheral Component Values Input_Capacitor = 100uF (Electrolytic); Output_Capacitor = 10uF (Tantalum or Ceramic); Fuse_Rating = Calculated based on Input Current; ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the DIP24 package?
    • ⤷ Does this model require a minimum load to function correctly?
    • ⤷ What is the difference between a 2:1 and a 4:1 input range in DC-DC converters?