Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM4TW-R-Z_16

  • AI
    The **AM4TW-R-Z** is a high-performance, ultra-wide input voltage DC-DC converter series manufactured by **Aimtec**. These components are specifically designed for industrial, telecommunications, and high-density power applications where space is limited and reliability is critical. --- ### 1. Key Technical Specifications The "16" in your query likely refers to the output voltage or a specific series variant. Below is a breakdown of the standard technical characteristics for this series: | Feature | Specification | | :--- | :--- | | **Package Type** | SIP8 (Single In-line Package) | | **Power Rating** | 4 Watts | | **Input Voltage Range** | 4:1 Ultra-wide (9-36VDC or 18-75VDC) | | **Isolation Voltage** | 1600 VDC | | **Efficiency** | Up to 87% | | **Operating Temperature** | -40°C to +85°C | | **Protection** | Continuous Short Circuit Protection (SCP) | --- ### 2. Functional Description The AM4TW-R-Z functions as a switching regulator that converts a range of DC input voltages into a stable, regulated DC output. * **Ultra-Wide Input:** The 4:1 ratio allows the device to handle significant fluctuations in the power source, making it ideal for battery-powered systems where voltage drops as the battery discharges. * **Isolation:** The 1600VDC isolation provides a safety barrier between the input and output stages, preventing electrical noise or fault currents from damaging sensitive downstream components. * **Compact Design:** Utilizing the SIP8 footprint, it saves significant PCB real estate compared to traditional DIP packages. --- ### 3. Pin Configuration (Typical SIP8) *Most AM4TW-R-Z models follow this standard pinout:* | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 3 | Remote On/Off | Control pin to enable/disable the unit | | 5 | NC | No Connection (Internal) | | 6 | +Vout | Positive Output Voltage | | 7 | -Vout | Negative Output Voltage | | 8 | NC | No Connection | --- ### 4. Common Applications * **Industrial Automation:** Powering sensors and controllers from unregulated 24V bus lines. * **Telecommunications:** Converting standard 48V rails to lower logic levels. * **Data Acquisition:** Providing isolated power to analog-to-digital converters to reduce ground loop noise.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 24V and 48V input models?
    • ⤷ How does the 'Remote On/Off' feature function in a circuit?
    • ⤷ What external capacitors are recommended for EMI filtering with this part?