Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM6TW-RVZ_16

  • AI
    The **AM6TW-RVZ** series, manufactured by Aimtec, is a family of high-performance **6 Watt DC-DC converters**. These components are specifically designed for industrial, communication, and instrumentation applications where compact size and wide input voltage ranges are critical. --- ### ## 1. Key Specifications The "16" in the part number suffix typically refers to a specific output configuration (often related to voltage or packaging variants). Below are the core technical parameters for the series: | Feature | Specification | | :--- | :--- | | **Power Rating** | 6 Watts | | **Input Voltage Range** | 4:1 Ultra-wide (e.g., 9-36V or 18-75V) | | **Isolation Voltage** | 1500 VDC to 3000 VDC (model dependent) | | **Efficiency** | Up to 86% | | **Package Style** | DIP24 (Standard footprint) | | **Operating Temp** | -40°C to +85°C | --- ### ## 2. Core Electronic Components & Architecture Internally, the AM6TW-RVZ consists of several functional blocks that manage power conversion: 1. **Input Filter:** Typically contains an **LC network** to minimize reflected ripple current and provide basic EMI suppression. 2. **PWM Controller:** A high-frequency switching regulator that modulates the power flow based on the load requirements. 3. **Isolation Barrier:** Uses a high-frequency **transformer** to provide galvanic isolation between the input and output circuits, protecting sensitive downstream components. 4. **Rectification & Smoothing:** Utilizes high-speed Schottky diodes and low-ESR capacitors to convert the AC signal from the transformer back into stable DC. 5. **Feedback Loop:** An **Optocoupler** is usually employed to send voltage regulation data back across the isolation barrier without direct electrical contact. --- ### ## 3. Typical Pinout (DIP24 Package) Most models in this series follow the standard DIP24 pin configuration: | Pin Number | Function | | :--- | :--- | | 2 & 3 | -V Input | | 9 | Common (for Dual Output) / No Pin (for Single) | | 11 | -V Output | | 14 | +V Output | | 16 | Common / -V Output | | 22 & 23 | +V Input | --- ### ## 4. Protection Features To ensure circuit longevity, the AM6TW-RVZ includes several integrated protection mechanisms: * **Continuous Short Circuit Protection:** Prevents damage during output faults with "Hiccup Mode" auto-recovery. * **Over Voltage Protection:** Safeguards the load from voltage spikes. * **Under Voltage Lockout:** Ensures the device stays off if the input voltage is too low to operate reliably.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 2:1 and 4:1 input versions of this converter?
    • ⤷ Can the AM6TW-RVZ be used in medical applications requiring 2xMOPP isolation?
    • ⤷ What external filtering is recommended to meet EN55022 Class B EMI standards?