Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AMELH5030S-R87MT

  • AI
    The **AMELH5030S-R87MT** is a high-performance, medical-grade AC-DC converter module manufactured by **Aimtec**. It is designed specifically for space-constrained applications requiring high isolation and reliability. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 264 VAC / 100 - 370 VDC | | **Output Voltage** | 5 VDC | | **Output Power** | 50 Watts | | **Efficiency** | ~85% (Typical) | | **Isolation Voltage** | 4000 VAC (Input to Output) | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Chassis Mount with Screw Terminals | --- ## 2. Key Electronic Features ### A. Medical Grade Protection (2xMOPP) This part is engineered for medical applications. It provides **2xMOPP** (Means of Patient Protection), ensuring that even in a fault condition, the leakage current is low enough to be safe for direct patient contact. It complies with **IEC/EN/UL 60601-1** standards. ### B. Integrated Protection Circuitry The module includes several internal protection layers to prevent damage to both the converter and the load: * **Over Current Protection (OCP):** Prevents damage during short circuits. * **Over Voltage Protection (OVP):** Clamps the output if internal regulation fails. * **Short Circuit Protection (SCP):** Provides continuous recovery mode. ### C. EMI/EMC Performance The "R87MT" suffix often denotes a specific packaging or terminal style (typically chassis mount with an enclosed case). It features built-in filters to meet: * **CISPR32/EN55032 Class B** for conducted and radiated emissions. * **ESD immunity** up to ±8KV (Air). --- ## 3. Physical Architecture The unit is encapsulated in a flame-retardant plastic case (UL94V-0 rated). Because it is a "Chassis Mount" version, it simplifies system integration by removing the need for a dedicated PCB footprint, allowing for direct wiring via screw terminals. ### Connectivity Diagram (Internal Logic) ```mermaid graph LR AC_IN[AC Input 85-264V] --> Bridge[Rectifier & Filter] Bridge --> PWM[High Frequency PWM] PWM --> Trans[Isolation Transformer 4000VAC] Trans --> Rect[DC Output Rectification] Rect --> FB[Feedback Loop/Optocoupler] FB --> PWM Rect --> DC_OUT[5V DC Output] ``` --- ## 4. Common Applications * **Medical Devices:** Portable monitors, diagnostic equipment. * **Industrial Automation:** Control panels where 5V logic power is required. * **IoT Infrastructure:** Powering gateways in harsh electrical environments. * **Home Automation:** High-safety smart home hubs.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and weight of the R87MT chassis mount case?
    • ⤷ Does this model require external components for EMI compliance?
    • ⤷ What is the derating curve for this module at temperatures above 50°C?