AMELH5050S-R22MT
AI

The **AMELH5050S-R22MT** is a specialized, surface-mount inductors designed primarily for high-current applications and power management circuits. It is commonly used in DC-DC converters and voltage regulator modules (VRMs).
---
### 1. Component Overview
This component belongs to the category of **Molded Power Inductors**. These are constructed by wrapping a copper wire coil around a metal alloy powder core, which is then molded under high pressure.
### 2. Technical Specifications
While specific values can vary slightly by manufacturer, the naming convention typically follows these parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | 0.22 µH (Represented by "R22") |
| **Case Size** | 5.0mm x 5.0mm (Represented by "5050") |
| **Tolerance** | ±20% (Represented by "M") |
| **Core Material** | Metal Alloy Powder (Low core loss) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Operating Temp** | -40°C to +125°C (Standard industrial grade) |
---
### 3. Key Electronic Characteristics
#### A. High Saturation Current ($I_{sat}$)
Due to the metal alloy core, these inductors feature a "soft saturation" characteristic. Unlike ferrite cores that drop inductance sharply when current limits are reached, this part maintains performance even under high peak currents.
#### B. Low DC Resistance (DCR)
The part is designed with flat or heavy-gauge copper wire to minimize $R_{dc}$. This reduces heat generation and improves the overall efficiency of the power supply.
#### C. Magnetic Shielding
The molded construction acts as a natural magnetic shield. This significantly reduces **Electromagnetic Interference (EMI)**, making it suitable for high-density PCB layouts where components are packed closely together.
---
### 4. Common Applications
* **Graphics Cards (GPUs):** Used in the multi-phase power stages.
* **Laptops/Tablets:** High-efficiency VRMs for CPUs.
* **Servers:** Distributed power systems and high-current point-of-load (POL) converters.
* **LED Drivers:** Smoothing current for high-power lighting applications.
---
### 5. Identification Code Breakdown
```text
AMEL H 5050 S - R22 M T
| | | | | | |
| | | | | | +-- Packaging (Tape & Reel)
| | | | | +----- Tolerance (M = ±20%)
| | | | +--------- Inductance (R22 = 0.22uH)
| | | +---------------- Series Type (Standard/Special)
| | +-------------------- Dimensions (5.0 x 5.0mm)
| +------------------------- High Current/Molded Type
+------------------------------ Manufacturer Code (e.g., Aimtec/Generic)
```
- ⤷
What is the maximum saturation current for the 0.22uH version of this inductor?
- ⤷ How does a metal alloy core differ from a ferrite core in power applications?
- ⤷ What are the soldering layout recommendations for a 5050 SMD package?