AMELH5050S-R72MT
AI

### Overview: AMELH5050S-R72MT
The **AMELH5050S-R72MT** is a high-efficiency, surface-mount (SMD) power inductor, typically used in DC-DC converters and high-current power supplies. It belongs to a class of "molded" inductors designed for compact electronic applications requiring high reliability.
---
### Technical Specifications
Below are the primary electronic characteristics typical for this specific part series:
| Parameter | Description / Typical Value |
| :--- | :--- |
| **Inductance** | 0.72 µH (Microhenries) |
| **Tolerance** | ±20% (Standard for "M" suffix) |
| **DC Resistance (DCR)** | Very Low (Approx. 2.5 - 3.5 mΩ) |
| **Saturation Current ($I_{sat}$)** | High (Typically 15A - 25A) |
| **Heat Rating Current ($I_{rms}$)** | High (Typically 10A - 20A) |
| **Package Size** | 5.0mm x 5.0mm x 5.0mm (5050 footprint) |
| **Operating Temperature** | -40°C to +125°C |
---
### Key Components & Construction
The "Electronic Parts" within this component include:
1. **Magnetic Core:** Usually made of a **Metal Alloy Powder**. This material provides high saturation flux density, allowing the part to handle high current spikes without losing inductance.
2. **Winding:** A flat or round **Copper Wire** coil. Flat wire is often used in these models to reduce DC resistance (DCR) and improve efficiency by maximizing the "fill factor."
3. **Encapsulation:** A molded composite body that protects the internal coil from mechanical stress and environmental factors (moisture, oxidation).
4. **Terminations:** Solderable lead-frames or pads (usually Tin-plated) on the bottom of the component for SMD mounting.
---
### Applications
Due to its 0.72µH inductance and high current handling, it is used in:
* **Voltage Regulator Modules (VRMs):** For CPUs and GPUs.
* **DC/DC Converters:** Point-of-load (POL) power supplies.
* **Automotive Electronics:** Infotainment and ADAS power rails.
* **Battery Powered Devices:** High-efficiency power management.
---
### Identification Breakdown
* **AMELH:** Series identifier (Metal Alloy Molded Inductor).
* **5050:** Physical dimensions (5.4mm x 5.2mm x 5.0mm approx).
* **S:** Shielded construction.
* **R72:** Inductance value (R72 = 0.72 µH).
* **M:** Tolerance (M = ±20%).
* **T:** Packaging (usually refers to Tape & Reel).
- ⤷
What is the difference between Saturation Current and Heat Rating Current for this inductor?
- ⤷ How does the metal alloy core compare to traditional ferrite cores?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?