Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AMLD-60100-RZ

  • AI
    The **AMLD-60100-RZ** is a high-performance, DC-input constant current LED driver module. It belongs to the AMLD series of step-down (Buck) converters designed for driving high-power LEDs with high efficiency. ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 7V to 60V DC | | **Output Current** | 1000mA (1A) | | **Output Voltage Range** | 2V to 57V DC (Input dependent) | | **Efficiency** | Up to 97% | | **Control Interface** | PWM and Analog Dimming | | **Operating Temperature** | -40°C to +85°C | | **Package Style** | DIP (Through-hole) or SMT (Surface Mount) | --- ### 2. Core Electronic Components & Architecture The module is a self-contained switching regulator. Its internal electronics consist of several critical stages: #### A. The Buck Converter Controller The heart of the module is a high-frequency switching controller. It monitors the output current via a precision shunt resistor and adjusts the duty cycle of an internal MOSFET to maintain a constant **1000mA** output, regardless of fluctuations in input voltage. #### B. Dimming Circuitry (Dual-Mode) The "RZ" designation typically refers to the control features. The module supports two types of dimming: 1. **PWM Dimming:** Accepts a pulse-width modulated signal to control brightness (usually 100Hz to 1kHz). 2. **Analog Dimming:** Adjusts the output current by varying a DC voltage on the control pin (usually 0.3V to 1.2V). #### C. Protection Features The internal circuitry includes several safety mechanisms: * **Open/Short Circuit Protection:** Prevents damage if the LED string is disconnected or shorted. * **Thermal Shutdown:** Reduces output or shuts down if the internal junction temperature exceeds safety limits. * **Soft Start:** Gradually increases current upon power-up to prevent "inrush" stress on the LEDs. --- ### 3. Connection Pinout (General) | Pin Name | Function | Description | | :--- | :--- | :--- | | **Vin** | Input Voltage | Positive DC supply (7V - 60V). | | **GND** | Common Ground | Negative return for input and output. | | **Vout+** | LED Anode | Positive connection to the LED string. | | **Vout-** | LED Cathode | Negative connection to the LED string. | | **DIM** | Control Pin | Used for PWM or Analog dimming signals. | --- ### 4. Implementation Example To use this part in a circuit, you do not need external inductors or capacitors for basic operation, as they are integrated into the "RZ" module. ```cpp // Example: Using an Arduino to control the AMLD-60100-RZ brightness via PWM int dimPin = 9; // Connect to DIM pin of AMLD-60100-RZ void setup() { pinMode(dimPin, OUTPUT); } void loop() { analogWrite(dimPin, 127); // 50% brightness delay(1000); analogWrite(dimPin, 255); // 100% brightness delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of 3.2V LEDs that can be driven in series with this module at 60V input?
    • ⤷ Does this module require an external heatsink when operating at full 1A load?
    • ⤷ What is the difference between the RZ and the standard AMLD-60100 series?