AMLDW-60100-RZ
AI

The **AMLDW-60100-RZ** is a high-performance, DC-DC step-down (buck) constant current LED driver manufactured by Aimtec. It is designed to drive high-power LEDs with high efficiency and precision.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the module:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 7V to 60V DC |
| **Output Current** | 1000mA (1A) |
| **Output Voltage Range** | 2V to 57V DC |
| **Efficiency** | Up to 97% |
| **Switching Frequency** | Up to 1MHz |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Electronic Features
The device incorporates several critical electronic functionalities to ensure stable LED performance:
* **Constant Current Control:** Unlike standard voltage regulators, this part maintains a steady 1000mA output regardless of fluctuations in the forward voltage of the LEDs, preventing thermal runaway.
* **Dimming Capabilities:**
* **PWM Dimming:** Supports pulse-width modulation for precise brightness control.
* **Analog Dimming:** Can be controlled via an external DC voltage (typically 0.3V to 1.2V).
* **Protection Circuitry:**
* **Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Over Temperature Protection:** Throttles or shuts down to prevent component failure.
* **Wide Input Range:** The 60V ceiling makes it suitable for industrial 24V or 48V battery systems and telecommunication power rails.
---
### 3. Pin Configuration & Application
The "RZ" suffix typically denotes a specific package style (usually a DIP-style wired or pinned module).
#### Typical Connection Diagram (Pseudo-code logic)
```cpp
// Schematic Logic for AMLDW-60100-RZ
1. VIN+ -----> [ + Positive DC Supply (7-60V) ]
2. VIN- -----> [ - Common Ground ]
3. VOUT+ -----> [ LED Anode ]
4. VOUT- -----> [ LED Cathode ]
5. DIM -----> [ PWM Signal / Analog Voltage for brightness ]
```
---
### 4. Applications
* **Industrial Lighting:** High-bay lighting and architectural wash lights.
* **Automotive:** 12V/24V/42V vehicle lighting systems.
* **Signage:** LED strips and commercial displays.
* **Solar Powered Lighting:** Efficient driving directly from battery banks.
- ⤷What is the maximum number of 3.2V LEDs that can be driven in series with this module?
- ⤷ How does the PWM dimming frequency affect the flicker index of the output?
- ⤷ What are the physical dimensions and mounting requirements for the RZ package?