Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AMMLPDAXCS

  • AI
    It appears you are referring to the **AMMLP-DAX-CS**, which is a specific series of high-precision, low-profile **Planar Transformers** and inductors typically used in high-density power conversion. These components are critical in modern power electronics where space and thermal efficiency are paramount. --- ### 1. Key Technical Specifications The "CS" suffix often denotes specific core materials or shielding characteristics tailored for telecommunications and industrial power supplies. | Feature | Description | | :--- | :--- | | **Component Type** | Planar Transformer / Power Inductor | | **Footprint** | Low profile (often < 10mm height) | | **Power Rating** | Typically 50W to 500W depending on specific size | | **Dielectric Strength** | High isolation voltage (up to 2250VDC) | | **Frequency Range** | Optimized for 100 kHz to 1 MHz switching | --- ### 2. Core Electronic Components The internal structure of an AMMLP-DAX-CS device differs significantly from traditional "wire-wound" components: * **Multilayer PCB / Lead Frames:** Instead of copper wire, these use stacked PCB layers or stamped copper lead frames. This reduces skin effect losses at high frequencies. * **Ferrite Core:** Utilizes low-loss Manganese-Zinc (MnZn) ferrite materials. The "DAX" designation usually refers to a specific core geometry optimized for high flux density. * **Terminations:** SMT (Surface Mount Technology) pads designed for reflow soldering, providing high mechanical stability. --- ### 3. Functional Advantages Why these parts are chosen for advanced electronic circuits: 1. **High Power Density:** Because the windings are flat, they have a larger surface area relative to volume, allowing for better heat dissipation. 2. **Repeatability:** Since the "windings" are etched onto a PCB or stamped, the leakage inductance is extremely consistent across manufacturing batches. 3. **EMI Shielding:** The low-profile design and core shape inherently provide better electromagnetic interference (EMI) performance compared to bulky toroidal or E-core transformers. ### 4. Typical Application Circuit These parts are most commonly found in **DC-DC Converters**: ```cpp // Schematic representation of AMMLP-DAX-CS usage [Input 48V] --> [PWM Controller] --> [AMMLP-DAX-CS Transformer] --> [Rectifier] --> [Output 12V] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the AMMLP-DAX-CS series?
    • ⤷ How does planar technology compare to traditional wire-wound transformers in terms of cost?
    • ⤷ Which power supply topologies are best suited for these components?