Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AMMLPVALCE

  • AI
    It appears you are referring to the **AMLP Valve** (often associated with *Automated Manual Low Pressure* control or specific industrial solenoid valve series like the SMC or Festo AMLP variants). These are typically **Electropneumatic Proportional Valves**. --- ## 1. Core Electronic Components The electronic portion of an AMLP valve acts as the "brain" that translates electrical signals into mechanical movement. | Component | Function | Description | | :--- | :--- | :--- | | **Solenoid Coil** | Actuator | Converts electrical energy into a magnetic field to move the plunger. | | **Control PCB** | Signal Processing | The internal circuit board that manages PID control and signal filtering. | | **Pressure Sensor** | Feedback | A built-in piezo-resistive sensor that monitors output pressure in real-time. | | **I/O Connector** | Interface | Usually an M12 or DIN connector for Power, Ground, and Control signals. | --- ## 2. Electronic Working Principle The electronics operate in a **Closed-Loop System**: 1. **Input Signal:** The controller receives a command signal (e.g., 4-20mA, 0-10V, or digital bus like IO-Link). 2. **Comparison:** The internal **Microprocessor** compares the input signal to the current reading from the internal **Pressure Sensor**. 3. **PWM Control:** If there is a discrepancy, the electronics use **Pulse Width Modulation (PWM)** to rapidly energize/de-energize the solenoid. 4. **Adjustment:** This changes the position of the pilot valve, adjusting the output pressure until the sensor feedback matches the input command. --- ## 3. Technical Specifications Typical electronic characteristics for these types of valves: ### Electrical Requirements * **Supply Voltage:** 24V DC (Standard for industrial automation). * **Power Consumption:** Typically 4W to 6W during operation. * **Protection Class:** IP65 (Dust tight and protected against water jets). ### Signal Types ```yaml Analog_Inputs: - 0 to 10 VDC (Voltage control) - 4 to 20 mA (Current control) Digital_Communication: - RS-232 (Configuration) - IO-Link (Smart diagnostics) - CC-Link / DeviceNet (Fieldbus versions) ``` --- ## 4. Diagnostic Features Modern electronic valves include onboard LED indicators to communicate status: * **Green LED:** Power is ON and signal is within range. * **Red LED (Flashing):** Error detected (e.g., pressure cannot be reached, sensor failure). * **Red LED (Solid):** Over-current or hardware malfunction. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an AMLP valve and a standard solenoid valve?
    • ⤷ How do you calibrate the 4-20mA signal for an electronic pressure regulator?
    • ⤷ Can these valves be controlled via PLC pulse outputs?