AI

It appears you are referring to a specific nomenclature for electronic components, likely related to **Aerospace, Military, or high-reliability multi-layer ceramic capacitors (MLCCs)**. While "AMMLPVCXJE" looks like a specific manufacturer part number or a series code (often seen in brands like Kyocera/AVX or Murata), it can be broken down by common industry coding standards.
### Component Breakdown: MLCC (Multi-Layer Ceramic Capacitor)
The acronym "MLCC" is embedded within your term. These are the most common passive components used in electronics to store charge and filter noise.
| Part Segment | Typical Meaning in Electronics | Function/Description |
| :--- | :--- | :--- |
| **AM** | Automotive/Aerospace Military | Indicates high-reliability grade or AEC-Q200 compliance. |
| **ML** | Multi-Layer | Refers to the internal structure of stacked electrode layers. |
| **PV** | Peak Voltage / Polyvinyl | Can refer to voltage rating or specific dielectric coating. |
| **CX** | Characteristic/Dielectric | Often relates to temperature stability (e.g., X7R, X5R, or C0G). |
| **JE** | Termination/Jacket | Refers to the physical finish (e.g., Gold, Tin, or Soft Termination). |
---
### Core Specifications of such Parts
If this part belongs to a high-density power or signal filtering category, these are the critical technical specs:
1. **Capacitance Value:** Measured in Farads (usually pF, nF, or µF).
2. **Voltage Rating:** The maximum DC voltage the component can handle before dielectric breakdown.
3. **Tolerance:** The allowable deviation from the nominal capacitance (e.g., ±5%, ±10%).
4. **Dielectric Type:**
* **Class 1 (C0G/NP0):** High stability, no aging.
* **Class 2 (X7R/X5R):** Higher capacitance, but varies with temperature.
### Common Applications
Components with these high-spec prefixes are typically found in:
* **ECUs (Engine Control Units):** High heat and vibration resistance.
* **RF Power Amplifiers:** Low ESR (Equivalent Series Resistance) for high-frequency efficiency.
* **Medical Implants:** Extreme reliability and biocompatibility standards.
---
### Identification Tip
If this is a specific part number from a manufacturer like **KEMET, AVX, or Vishay**, you should check the **Datasheet** specifically for the "Ordering Code" section. Every letter corresponds to a physical attribute like "Case Size" (e.g., 0805, 1206) or "Packaging" (Tape & Reel).
- ⤷
Which manufacturer produces the AMMLPVCXJE part specifically?
- ⤷ How do I read a datasheet for an MLCC part number?
- ⤷ What is the difference between Automotive grade and Commercial grade electronics?