AMPLA5030Q-R20NT
AI

The **AMPLA5030Q-R20NT** is a high-performance, molded power inductor typically used in automotive and industrial electronics. It is part of the "AMPLA" series, which focuses on high current density and stability in harsh environments.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, here are the primary electrical and physical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.20 µH (indicated by "R20") |
| **Package Size** | 5.0mm x 5.0mm x 3.0mm (indicated by "5030") |
| **Material Type** | Metal Alloy Powder (Molded) |
| **Tolerance** | ±20% (indicated by "N") |
| **Operating Temp** | -55°C to +125°C or +150°C (Automotive Grade) |
| **Termination** | Tin (Sn) or specialized plating (indicated by "T") |
---
### 2. Physical Construction
The "Q" in the part number often signifies **AEC-Q200** qualification, meaning it is designed to withstand extreme thermal shocks and mechanical vibrations.
* **Core Material:** It uses a metallic alloy powder core. Unlike traditional ferrite cores, these do not saturate suddenly; they provide a "soft" saturation curve.
* **Molded Structure:** The wire coil is embedded directly into the metal powder and pressed under high pressure. This minimizes acoustic noise (buzzing) and provides excellent electromagnetic interference (EMI) shielding.
---
### 3. Electrical Behavior
* **Low DCR (DC Resistance):** Because it is a high-current inductor, the internal copper wire is thick, minimizing power loss and heat generation.
* **High Saturation Current ($I_{sat}$):** The R20 (0.20 µH) value is very low, which allows the inductor to handle extremely high peak currents (often exceeding 20A-30A depending on the specific series) without losing its inductive properties.
* **High Efficiency:** Designed for high-frequency switching (MHz range), making it ideal for modern Point-of-Load (PoL) converters.
---
### 4. Common Applications
Due to its low profile and high current capacity, it is frequently found in:
1. **Automotive ECU:** Power supplies for Advanced Driver Assistance Systems (ADAS).
2. **Infotainment:** High-efficiency DC-DC converters for screens and processors.
3. **Industrial Computing:** VRM (Voltage Regulator Modules) for high-speed CPUs and GPUs.
4. **Telecom:** Compact power modules requiring high power density.
---
### 5. Part Number Breakdown
```text
AMPLA 5030 Q - R20 N T
| | | | | |
Series Size Grade Val Tol Packaging
```
- ⤷
What is the maximum saturation current for the R20NT model?
- ⤷ How does a molded metal alloy inductor differ from a traditional ferrite shield inductor?
- ⤷ What are the PCB layout recommendations for this specific inductor size?