AMPLH4020S-R10M
AI

The **AMPLH4020S-R10M** is a high-performance, surface-mount (SMD) power inductor. This component is typically designed for high-current applications where space is limited and efficiency is critical.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (indicated by "R10") |
| **Tolerance** | ±20% (indicated by "M") |
| **Dimensions** | 4.0mm x 4.0mm x 2.0mm (approx. "4020") |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material Core** | Metal Alloy / Carbonyl Powder (High Saturation) |
---
### 2. Part Number Breakdown
Understanding the code helps in identifying the component's limits:
* **AMPLH**: Series prefix, often designating "High-Current Metal Alloy Power Inductor."
* **4020**: The physical footprint (4.0mm width/length and 2.0mm height).
* **S**: Often refers to a specific shielding or manufacturing standard.
* **R10**: The inductance value. "R" acts as a decimal point, so $0.10$ Microhenries ($\mu H$).
* **M**: The tolerance code, representing $\pm 20\%$.
---
### 3. Core Features & Benefits
* **High Saturation Current:** Because it uses a metal alloy core rather than traditional ferrite, it can handle high peak currents without the inductance dropping sharply.
* **Low DCR (DC Resistance):** Designed with thick copper windings to minimize power loss and heat generation.
* **Magnetically Shielded:** The construction reduces Electromagnetic Interference (EMI), which is vital for dense PCB layouts.
* **Soft Saturation:** Unlike ferrite inductors that "crash" at high currents, this part maintains performance more linearly under load.
---
### 4. Common Applications
This specific inductor is usually found in high-frequency DC-DC converters:
1. **Voltage Regulator Modules (VRMs):** Used in CPUs and GPUs.
2. **Point of Load (POL) Converters:** Providing stable power for FPGAs or ASICs.
3. **Battery Powered Devices:** Smartphones and tablets where high efficiency is required to save battery life.
4. **Automotive Electronics:** Infotainment systems and ADAS sensors.
---
- ⤷What is the maximum saturation current (Isat) for this specific inductor?
- ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
- ⤷ What are the recommended soldering profiles for the 4020 package size?