AMPLH4020S-R47M
AI

The **AMPLH4020S-R47M** is a high-performance, shielded power inductor typically used in DC-DC converter circuits. It belongs to a class of surface-mount devices (SMD) designed for high-current applications with minimal electromagnetic interference (EMI).
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **AMPLH** | Series | Molded High-Current Power Inductor series. |
| **4020** | Size Code | Dimensions: Approx. **4.0mm x 4.0mm** with a height of **2.0mm**. |
| **S** | Type/Standard | Often denotes the specific construction style (e.g., standard profile). |
| **R47** | Inductance | **0.47 µH** (Microhenries). |
| **M** | Tolerance | **±20%** tolerance. |
---
### 2. Key Electrical Specifications
While exact values can vary slightly by manufacturer (e.g., Abracon or similar), the general specifications for a 4020-size 0.47µH inductor are:
* **Inductance:** 0.47 µH.
* **DC Resistance (DCR):** Extremely low (typically between 5mΩ to 15mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current at which inductance drops by a specified percentage (usually 30%). For this part, it is typically in the **9A to 13A** range.
* **Heating Current ($I_{rms}$):** The continuous current that causes a 40°C temperature rise. Typically around **7A to 10A**.
* **Operating Temperature:** Generally rated from **-40°C to +125°C**.
---
### 3. Construction & Features
* **Molded Shielding:** The coil is encapsulated in a metallic magnetic iron powder. This "molded" construction provides excellent magnetic shielding, reducing EMI compared to traditional wire-wound inductors.
* **High Saturation:** The metal powder core allows for "soft saturation," meaning the inductor maintains performance even during high-current spikes.
* **Compact Footprint:** The 4020 package is ideal for space-constrained designs like smartphones, tablets, and thin laptops.
---
### 4. Common Applications
This inductor is primarily used in **Voltage Regulator Modules (VRMs)** and **Point of Load (POL)** converters for:
1. **Consumer Electronics:** Powering CPUs and GPUs in portable devices.
2. **Telecommunications:** Base station power supplies.
3. **Industrial:** High-efficiency DC-DC step-down (Buck) converters.
- ⤷What are the specific DCR values for the AMPLH4020S series?
- ⤷ How does 'soft saturation' in molded inductors differ from ferrite core inductors?
- ⤷ Can this inductor be used in automotive-grade applications?