AI

## Overview of the AND050VL-LED
The **AND050VL-LED** is a 5.0-inch diagonal a-Si TFT-LCD (Thin Film Transistor Liquid Crystal Display) module. It is designed for industrial and commercial applications requiring a compact, high-quality color display.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Display Size** | 5.0 Inches (Diagonal) |
| **Resolution** | 320 x 240 pixels (QVGA) |
| **Interface** | 24-bit RGB (Parallel) |
| **Backlight Type** | LED (Light Emitting Diode) |
| **Active Area** | 101.52 (W) x 76.14 (H) mm |
| **Brightness** | Approximately 300 - 450 cd/m² |
| **Supply Voltage** | 3.3V (Typical) |
---
### 2. Electronic Component Breakdown
#### A. TFT-LCD Panel
The core of the unit is an **Active Matrix TFT**. Each pixel is controlled by a transistor, allowing for faster response times and higher contrast ratios compared to passive matrix displays.
#### B. LED Backlight System
Unlike older CCFL (Cold Cathode Fluorescent Lamp) displays, this unit uses an integrated **LED array**.
* **Drivers:** Requires a constant current LED driver circuit.
* **Efficiency:** LEDs offer lower power consumption and a longer lifespan (typically 20k to 50k hours).
#### C. Timing Controller (T-CON)
The board includes a Timing Controller that translates the incoming RGB signals from your processor (like an Arduino, Raspberry Pi, or FPGA) into the specific row/column signals needed to refresh the LCD pixels.
#### D. Connection Interface
The module typically utilizes a **flexible printed circuit (FPC)** connector. The pins generally cover:
* **Power Pins:** VDD (Digital Power) and VSS (Ground).
* **Data Pins:** R0-R7, G0-G7, B0-B7 (24-bit color data).
* **Control Pins:** Hsync (Horizontal), Vsync (Vertical), and Dot Clock (DCLK).
---
### 3. Integration Requirements
To use this part in an electronic project, you must ensure your hardware supports the following:
```c
// Example: Pseudocode for initializing a parallel RGB display
void setup_display() {
pinMode(DCLK_PIN, OUTPUT);
pinMode(HSYNC_PIN, OUTPUT);
pinMode(VSYNC_PIN, OUTPUT);
// Set clock frequency according to AND050VL datasheet
set_clock_frequency(6.4); // Typical MHz for 320x240 @ 60Hz
}
```
---
### 4. Application Areas
* **Industrial Terminals:** Control panels for machinery.
* **Medical Monitors:** Portable diagnostic equipment.
* **Handheld Devices:** POS systems or GPS units.
- ⤷What is the typical power consumption of the AND050VL-LED?
- ⤷ How do I connect this display to a microcontroller like an ESP32?
- ⤷ Does this display module support touch screen functionality?