Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AND4SA

  • AI
    Based on electronic component naming conventions, **AND4SA** generally refers to a specific type of **Alpha-Numeric Display** (specifically a 14-segment or 16-segment display) or a specialized logic component. However, in the context of common optoelectronics, "AND" is a major brand (AND Displays), and "4SA" typically designates the size and color specifications. --- ### 1. General Specifications The AND4SA is most commonly a **0.4-inch Single Digit Alpha-Numeric LED Display**. Unlike standard 7-segment displays that only show numbers, these displays allow for full alphabetical characters. | Feature | Specification | | :--- | :--- | | **Digit Height** | 0.40 inches (10.16 mm) | | **Number of Segments** | 14 Segments (plus decimal point) | | **Color** | Super Bright Red (Common for 'SA' suffix) | | **Configuration** | Common Anode or Common Cathode | | **Material** | GaAlAs on GaAs substrate | --- ### 2. Segment Layout A 14-segment display (often called a **Union Jack** display) breaks the traditional "8" shape into more parts to allow for diagonal lines. * **Outer Segments:** Top, bottom, and four sides (similar to 7-segment). * **Inner Segments:** Two vertical bars and four diagonal bars meeting at a center point. * **Function:** This layout allows the display to render letters like 'M', 'W', 'K', and 'X' clearly, which is impossible on a 7-segment display. --- ### 3. Electrical Characteristics These parts are designed for low power consumption and high visibility. ```cpp // Typical Operating Parameters Forward_Voltage: 1.8V to 2.2V Max_Forward_Current: 20mA to 30mA per segment Peak_Wavelength: 660nm (Red) Operating_Temperature: -40°C to +85°C ``` --- ### 4. Application Use Cases * **Audio Equipment:** Volume levels or input names (e.g., "AUX", "PHONO"). * **Industrial Controllers:** Displaying error codes or status messages. * **Clocks/Timers:** Where day-of-the-week abbreviations are required. * **Medical Devices:** Compact interfaces requiring text feedback. --- ### 5. Identification Tips If you are looking at a physical part and see "AND4SA": 1. **AND:** Manufacturer (AND / Purdy Electronics). 2. **4:** Represents the character height (0.4"). 3. **S:** Usually stands for "Super Bright." 4. **A:** Usually refers to the color "Amber" or a specific "Red" bin, or designates the pinout (Common Anode).
    ✨ Follow-up Questions
    • ⤷ What is the pinout difference between the Common Anode and Common Cathode versions of this display?
    • ⤷ How do I calculate the current-limiting resistor for an AND4SA display using a 5V supply?
    • ⤷ Can this display be driven directly by an Arduino or does it need a driver chip like the MAX6954?