ANR-133-R
AI

Based on technical specifications for industrial electronic components, the **ANR-133-R** typically refers to a high-precision **Thin Film Chip Resistor** or a specific **Current Sense Resistor** series (often associated with brands like Viking Tech or similar industrial suppliers).
Below is a detailed breakdown of its electronic characteristics and construction.
---
### 1. Key Technical Specifications
These components are designed for stability and precision in electronic circuits.
| Parameter | Typical Value / Range | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 133 $\Omega$ (indicated by "133") | The nominal resistance of the component. |
| **Tolerance** | ±0.1% to ±1% | The allowable deviation from the nominal resistance. |
| **Temperature Coefficient (TCR)** | ±25 to ±50 ppm/°C | How much resistance changes with temperature. |
| **Package / Case Size** | 0603, 0805, or 1206 | Surface Mount Device (SMD) dimensions. |
| **Power Rating** | 1/10W to 1/4W | Maximum power dissipation before damage. |
| **RoHS Status** | Compliant ("-R") | Lead-free and environmentally friendly. |
---
### 2. Physical Construction
The "ANR" series generally utilizes **Thin Film technology**, which provides superior performance over standard thick film resistors.
1. **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic base for heat dissipation.
2. **Resistive Layer:** A sputtered thin film of Nichrome (NiCr) or similar metal alloy.
3. **Protective Coating:** An epoxy or glass overcoat to protect against moisture and mechanical stress.
4. **Terminations:** Multi-layer end-terminations (usually Silver/Nickel/Tin) for excellent solderability.
---
### 3. Part Number Decoding
The suffix and prefix provide specific information about the part's lifecycle and build:
* **ANR:** The Series Identifier (Precision Thin Film).
* **133:** The Resistance Code ($13 \times 10^1 = 130 \Omega$ or simply $133 \Omega$ depending on the manufacturer's 3-digit vs 4-digit system).
* **-R:** Indicates **RoHS Compliance** (Restriction of Hazardous Substances) or **Taping/Reel** packaging.
---
### 4. Typical Applications
Due to its high precision and low noise characteristics, the ANR-133-R is used in:
* **Medical Equipment:** Monitoring devices requiring stable signals.
* **Measurement Instruments:** Multi-meters and sensors.
* **Communication Base Stations:** High-frequency signal processing.
* **Automotive Electronics:** Control units where thermal stability is critical.
---
- ⤷
What is the exact package size (e.g.
- ⤷ 0805 or 1206) for your specific application?
- ⤷ Do you require the full datasheet for a specific manufacturer like Viking or Susumu?
- ⤷ Are you looking for equivalent alternatives for this part number?