Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ANR-212-R

  • AI
    The **ANR-212-R** is a specific model of an **Active Noise Reduction (ANR) Headset**, typically utilized in aviation or high-noise industrial environments. These devices rely on complex electronic circuitry to achieve "anti-noise" effects. --- ### Core Electronic Components The electronic architecture of the ANR-212-R can be categorized into four primary stages: | Component Type | Part/Function | Description | | :--- | :--- | :--- | | **Sensing Microphones** | Electret Condenser | Tiny internal microphones that monitor ambient noise levels inside and outside the ear cup. | | **Phase Inverter** | Analog/Digital Processor | The "brain" that flips the sound wave 180° to create a destructive interference pattern. | | **Power Amplifier** | Low-Voltage Amp | Drives the speakers to produce the anti-noise signal without distorting the primary audio (radio/intercom). | | **Power Source** | Battery/DC Input | Usually powered by dual AA batteries or a direct 12-24V DC plug from the aircraft panel. | --- ### Functional Block Diagram Logic To understand how the parts interact, follow this signal flow: 1. **Noise Acquisition:** The **Internal Mic** picks up low-frequency drone (engine noise). 2. **Signal Processing:** The **ANR Circuitry** analyzes the waveform and generates an identical waveform with inverted polarity. 3. **Mixing:** This "anti-noise" signal is mixed with the **Communications Audio** (the pilot's voice or music). 4. **Output:** The **Speaker Driver** pushes the combined signal to your ear. The anti-noise and the actual noise cancel each other out, leaving only the clear communication audio. ### Key Specifications of the Electronics * **Active Attenuation:** Usually provides an additional **15–22 dB** of noise reduction specifically in the 20Hz – 1,000Hz range. * **Fail-Safe Mode:** The electronics are designed so that if the battery dies, the **Passive Isolation** still works, and the speakers continue to function for standard radio communication. * **EMI Shielding:** The internal PCB (Printed Circuit Board) is shielded to prevent interference from aircraft transponders or mobile phones. --- ### Maintenance & Electronic Care Since the ANR-212-R relies on sensitive electronic parts, certain precautions are necessary: * **Battery Corrosion:** Always remove batteries if the unit is stored for more than 30 days to protect the contacts. * **Moisture Sensitivity:** The internal electret microphones can degrade if exposed to high humidity or sweat over long periods. * **Cable Integrity:** The shielding in the "Y-cord" is vital for preventing "hum" or "buzz" in the ANR circuit.
    ✨ Follow-up Questions
    • ⤷ How does the ANR-212-R compare to passive noise reduction headsets?
    • ⤷ What are the common symptoms of a failing ANR circuit board?
    • ⤷ Can the ANR-212-R be modified to use Bluetooth modules?