ANT-2.4-CW-RCL
AI

## Technical Overview: ANT-2.4-CW-RCL
The **ANT-2.4-CW-RCL** is a high-performance, compact 2.4 GHz omnidirectional antenna manufactured by **Linx Technologies** (now part of TE Connectivity). It is primarily designed for space-constrained applications requiring reliable wireless communication.
---
### 1. Key Electronic Specifications
The antenna is tuned specifically for the 2.4 GHz ISM band. Below are the critical electrical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2.4 GHz to 2.5 GHz |
| **Peak Gain** | 1.1 dBi |
| **VSWR** | ≤ 2.0 (at center frequency) |
| **Impedance** | 50 $\Omega$ |
| **Wavelength** | 1/4-wave |
| **Polarization** | Linear |
| **Radiation Pattern** | Omnidirectional |
---
### 2. Physical and Mechanical Construction
The "RCL" series is known for its **right-angle** form factor, which allows the antenna to sit flush against the side of a device enclosure.
* **Connector Type:** Typically features an **RP-SMA** (Reverse Polarity SMA) or **SMA** plug.
* **Design:** Monopole design, which requires a proximity to a ground plane in the host device for optimal performance.
* **Housing:** Rugged, flexible plastic overmold that protects the internal radiating element from environmental impact.
* **Dimensions:** Roughly 1.5 inches (38mm) in height, making it one of the smallest external right-angle antennas available.
---
### 3. Electronic Integration Requirements
When integrating this part into a circuit, two electronic factors are critical:
1. **Ground Plane Dependence:** As a 1/4-wave monopole antenna, its electronic efficiency and radiation pattern are heavily influenced by the size of the device's PCB ground plane. Lack of a sufficient ground plane will increase the VSWR and reduce range.
2. **Transmission Line Matching:** The connection between the RF module and the antenna connector should be maintained at a **50-ohm characteristic impedance** to prevent signal reflection and power loss.
---
### 4. Common Applications
Due to its 2.4 GHz tuning, it is compatible with several major wireless protocols:
* **Bluetooth & BLE:** Ideal for IoT hubs and sensors.
* **Wi-Fi:** Supports 802.11b/g/n (2.4 GHz band).
* **ZigBee:** Used in home automation controllers.
* **Proprietary ISM:** Any custom 2.4 GHz radio link.
---
- ⤷
What is the difference between the SMA and RP-SMA versions of this antenna?
- ⤷ How does the ground plane size specifically affect the gain of the ANT-2.4-CW-RCL?
- ⤷ Are there waterproof (IP-rated) equivalents to this specific model?